Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

218311 Datasheet (PDF) - Molex Electronics Ltd.

218311 Datasheet PDF - Molex Electronics Ltd.
Part # 218311
Download  218311 Download
File Size   36.03 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Family Power Connectors

218311 Datasheet (PDF)

Go To PDF Page Download Datasheet
218311 Datasheet PDF - Molex Electronics Ltd.

Part # 218311
Download  218311 Click to download

File Size   36.03 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Family Power Connectors

218311 Datasheet (HTML) - Molex Electronics Ltd.


218311 Product details

Description: Mini-Fit Sigma-to-Pigtail Off-the-Shelf (OTS) Cable Assembly, 4.20mm Pitch, Dual Row, 300.00mm Length, 2 Circuits, Black

Application Power, Wire-to-Board, Wire-to-Wire




Similar Part No. - 218311

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
218311 MOLEX-218311 Datasheet
679Kb / 5P
Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
2024.04 Rev.7
2183111021 MOLEX-2183111021 Datasheet
95Kb / 1P
MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
2021/05/26
2183111022 MOLEX-2183111022 Datasheet
95Kb / 1P
MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
2021/05/26
2183111023 MOLEX-2183111023 Datasheet
95Kb / 1P
MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
2021/05/26
2183111041 MOLEX-2183111041 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
More results


Similar Description - 218311

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
FasTrak Mini E-Grade Family
logo
Molex Electronics Ltd.
08-70-1014 MOLEX11-08-70-1014 Datasheet
211Kb / 2P
MINI FIT PIN
0457501212 MOLEX11-0457501212 Datasheet
575Kb / 1P
MINI-FIT FAMILY OVERVIERW
0457503211 MOLEX11-0457503211 Datasheet
575Kb / 1P
MINI-FIT FAMILY OVERVIEW
0457503212 MOLEX11-0457503212 Datasheet
575Kb / 1P
MINI-FIT FAMILY OVERVIEW
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
logo
Adam Technologies, Inc.
DMH-C-B ADAM-TECH-DMH-C-B Datasheet
120Kb / 1P
CRIMP TERMINAL MINI FIT
DMH-C-R ADAM-TECH-DMH-C-R Datasheet
126Kb / 1P
CRIMP TERMINAL MINI FIT
logo
Molex Electronics Ltd.
987651-1008 MOLEX-987651-1008 Datasheet
692Kb / 2P
Ultra-Fit Power Connectors 3.50mm Pitch
2019.06
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com