Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41701 Datasheet (PDF) - Molex Electronics Ltd.

41701 Datasheet PDF - Molex Electronics Ltd.
Part # 41701
Download  41701 Download
File Size   62.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK® Breakaway Header

41701 Datasheet (PDF)

Go To PDF Page Download Datasheet
41701 Datasheet PDF - Molex Electronics Ltd.

Part # 41701
Download  41701 Click to download

File Size   62.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK® Breakaway Header

41701 Datasheet (HTML) - Molex Electronics Ltd.


41701 Product details

Features and Benefits
Sizes 2 to 24 circuits available
Optional voided circuits available
Various pin lengths available (contact Molex)
May be purchased in full 24 circuit sticks and broken into required circuit sizes
41661 has square pins and 41701 has round pins




Similar Part No. - 41701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4170 ETC2-4170 Datasheet
253Kb / 1P
STANDARD BINDING POST STRIP
logo
Heyco.
4170 HEYCO-4170 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
4170 ADAFRUIT-4170 Datasheet
717Kb / 2P
GPIO Ribbon Cable 2x8 IDC Cable - 16 pins 12" long
5-7-19
logo
Littelfuse
4170400000 LITTELFUSE-4170400000 Datasheet
50Kb / 2P
SURFACE MOUNT FUSES
4170500000 LITTELFUSE-4170500000 Datasheet
50Kb / 2P
SURFACE MOUNT FUSES
More results


Similar Description - 41701

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481041 MOLEX3-0026481041 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 4 Circuits, Tin (Sn) Plating
0026486021 MOLEX3-0026486021 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 2 Circuits, Gold (Au) Plating
0026481221 MOLEX3-0026481221 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 22 Circuits, Tin (Sn) Plating
0026481131 MOLEX3-0026481131 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 13 Circuits, Tin (Sn) Plating
0026481201 MOLEX3-0026481201 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 20 Circuits, Tin (Sn) Plating
0026481151 MOLEX3-0026481151 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 15 Circuits, Tin (Sn) Plating
0026481101 MOLEX3-0026481101 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 10 Circuits, Tin (Sn) Plating
0026481211 MOLEX3-0026481211 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 21 Circuits, Tin (Sn) Plating
0026481021 MOLEX3-0026481021 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating
0026481051 MOLEX3-0026481051 Datasheet
379Kb / 15P
3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 5 Circuits, Tin (Sn) Plating
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com