Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33355813 Datasheet (PDF) - Aptiv

33355813 Datasheet PDF - Aptiv
Part # 33355813
Download  33355813 Download
File Size   782.04 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description APEX® 1.2 SensoMate™ SERIES

33355813 Datasheet (PDF)

Go To PDF Page Download Datasheet
33355813 Datasheet PDF - Aptiv

Part # 33355813
Download  33355813 Click to download

File Size   782.04 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description APEX® 1.2 SensoMate™ SERIES

33355813 Datasheet (HTML) - Aptiv


33355813 Product details

BENEFITS
• Heavy-duty performance for engine vibration
and temperature
• Highest current rating of APEX two-piece
performance technology
• Ergonomic design including Connector Position
Assurance (CPA)
FEATURES
• Compatible with VDA (AK) 1.2 and USCAR 120
device interfaces (1.2 mm male blade)
• Compliant with Hyundai ES 91500-00/02
• Compliant with USCAR design guidelines and
performance standards
• Compliant to Renault-Nissan-Mitsubishi
RNDS-B-00029 performance standards
• Terminal Position Assurance (TPA) based on
Primary Lock Reinforcement (PLR) to detect
partially installed terminals




Similar Part No. - 33355813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3335 BOURNS-3335 Datasheet
352Kb / 1P
SMD 5MM SQUARE/SINGLE-TURN CERMET/INDUSTRIAL/SEALED
logo
Heyco.
3335 HEYCO-3335 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Adafruit Industries
3335 ADAFRUIT-3335 Datasheet
135Kb / 2P
Pi Supply PaPiRus Zero ePaper/eInk pHAT v1.2
logo
Peregrine Semiconductor...
3335-00 PEREGRINE-3335-00 Datasheet
235Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3335-01 PEREGRINE-3335-01 Datasheet
235Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
More results


Similar Description - 33355813

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
HardCopy APEX Device Family
logo
California Eastern Labs
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
M.S. Kennedy Corporatio...
MSK4206 MSK-MSK4206_15 Datasheet
506Kb / 8P
Replaces APEX SA01 PWM Amplifier
logo
Taoglas antenna solutio...
MBTG30A305111 TAOGLAS-MBTG30A305111 Datasheet
1Mb / 14P
Apex Magforce Magnetic Mount LTE Antenna
TG.30.8111W TAOGLAS-TG.30.8111W_18 Datasheet
2Mb / 21P
APEX WHITE STRAIGHT TG.30
TG.30.8111 TAOGLAS-TG.30.8111_17 Datasheet
2Mb / 21P
APEX BLACK STRAIGHT TG.30
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Advantech Co., Ltd.
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
logo
AAEON Technology
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com