Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet (PDF) - Analog Devices

AD3530 Datasheet PDF - Analog Devices
Part # AD3530
Download  AD3530 Download
File Size   3176.5 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI

AD3530 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD3530 Datasheet PDF - Analog Devices

Part # AD3530
Download  AD3530 Click to download

File Size   3176.5 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI

AD3530 Datasheet (HTML) - Analog Devices


AD3530 Product details

FEATURES
► 16-bit resolution, ±3 LSB16 INL, ±1 LSB16 DNL
► TUE: ±0.22% of FSR maximum
► Offset error: ±1.6mV maximum
► Gain error: ±0.26% of FSR maximum
► Guaranteed sourcing current of 50mA
► Ultra-low headroom: 25mV at 20mA load
► 2.5V internal voltage reference, 5ppm/°C, typical
► 62nV/√Hz noise spectral density (external reference)
► 115nV/√Hz noise spectral density (internal reference)
► Output voltage, current, and die temperature monitors
► 50MHz SPI write and read
► 2.7V to 5.5V power supply range
► 1.2V or 1.8V compatible digital interface
► Operating temperature range: −40°C to +125°C
► Small package: 2.1mm × 2.2mm, 25-ball WLCSP or 3mm ×
3mm, 20-lead LFCSP




Similar Part No. - AD3530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3530 AD-AD3530 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530BCBZ-RL7 AD-AD3530BCBZ-RL7 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
logo
Vanlong Technology Co.,...
AD3530F60FCA VANLONG-AD3530F60FCA Datasheet
48Kb / 1P
Small and light size
logo
Analog Devices
AD3530R AD-AD3530R Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530RBCBZ-RL7 AD-AD3530RBCBZ-RL7 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
More results


Similar Description - AD3530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Maxim Integrated Produc...
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com