Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4062BCPZ-RL7 Datasheet (PDF) - Analog Devices

AD4062BCPZ-RL7 Datasheet PDF - Analog Devices
Part # AD4062BCPZ-RL7
Download  AD4062BCPZ-RL7 Download
File Size   3170.52 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface

AD4062BCPZ-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4062BCPZ-RL7 Datasheet PDF - Analog Devices

Part # AD4062BCPZ-RL7
Download  AD4062BCPZ-RL7 Click to download

File Size   3170.52 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, Low Power, 16-Bit, Easy Drive SAR ADC with I3C Interface

AD4062BCPZ-RL7 Datasheet (HTML) - Analog Devices


AD4062BCPZ-RL7 Product details

FEATURES
► Small footprint, big performance
► INL: ±0.5 LSB maximum
► SNR: 86.1dB with VREF = 3.3V
► 1.35nJ per conversion
► 405μW at 300kSPS in sample mode
► 370μW/112μW at 1MSPS/300kSPS in autonomous modes
► 4.1μW standby power
► Versatile signal conditioning integration
► Easy Drive features enable small, low-power AFE designs
► Compatible with differential and single-ended signal chains
► Wide common-mode input range
► Minimizes digital host activity and power dissipation
► Autonomous sampling with window comparator and interrupt
generation
► Averaging filter with burst sampling support
► Power cycling synchronization for companion devices
► 2-wire I3C Interface compatible with 1.8V to 3.3V logic
► 2.00mm × 2.6mm LFCSP and 1.67mm × 1.97mm WLCSP
► Wide operating temperature range: −40°C to +125°C




Similar Part No. - AD4062BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD406-00 ETC2-AD406-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD4060 AD-AD4060 Datasheet
3Mb / 71P
Compact, Low Power, 12-Bit, Easy Drive SAR ADC with I3C Interface
Rev. 0
AD4060BCBZ-RL7 AD-AD4060BCBZ-RL7 Datasheet
3Mb / 71P
Compact, Low Power, 12-Bit, Easy Drive SAR ADC with I3C Interface
Rev. 0
AD4060BCPZ-RL7 AD-AD4060BCPZ-RL7 Datasheet
3Mb / 71P
Compact, Low Power, 12-Bit, Easy Drive SAR ADC with I3C Interface
Rev. 0
More results


Similar Description - AD4062BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
logo
Texas Instruments
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com