Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70N08RP Datasheet (PDF) - SI-TECH SEMICONDUCTOR CO.,LTD

S70N08RP Datasheet PDF - SI-TECH SEMICONDUCTOR CO.,LTD
Part # S70N08RP
Download  S70N08RP Download
File Size   1843.07 Kbytes
Page   7 Pages
Manufacturer  SI-TECH [SI-TECH SEMICONDUCTOR CO.,LTD]
Direct Link  http://www.si-tech-semi.com/
Logo SI-TECH - SI-TECH SEMICONDUCTOR CO.,LTD
Description N-Channel Power MOSFE

S70N08RP Datasheet (PDF)

Go To PDF Page Download Datasheet
S70N08RP Datasheet PDF - SI-TECH SEMICONDUCTOR CO.,LTD

Part # S70N08RP
Download  S70N08RP Click to download

File Size   1843.07 Kbytes
Page   7 Pages
Manufacturer  SI-TECH [SI-TECH SEMICONDUCTOR CO.,LTD]
Direct Link  http://www.si-tech-semi.com/
Logo SI-TECH - SI-TECH SEMICONDUCTOR CO.,LTD
Description N-Channel Power MOSFE

S70N08RP Datasheet (HTML) - SI-TECH SEMICONDUCTOR CO.,LTD


S70N08RP Product details

Features
 VDS=70V,ID=90A
Rds(on)(typ)=6m@Vgs=10V
 100% Avalanche Tested
 100% Rg Tested
 Lead-Free (RoHS Compliant)

Applications
 DC Motor Control
 DC-DC Converters
 BMS
 SMPS
 Automotive Environment




Similar Part No. - S70N08RP

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
S70N6J1R ASHCROFT-S70N6J1R Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
S70N6J1S ASHCROFT-S70N6J1S Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
S70N6J1T ASHCROFT-S70N6J1T Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
S70N6J1U ASHCROFT-S70N6J1U Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
S70N6J1Y ASHCROFT-S70N6J1Y Datasheet
1Mb / 5P
S70 Tube Skin Thermocouples
RevA_03-22-22
More results


Similar Description - S70N08RP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4411DY VISHAY-SI4411DY Datasheet
41Kb / 5P
P-Channel 30-V (D-S) MOSFE
24-Mar-03
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
N-Channel Reduced Qg, Fast Switching MOSFE
14-Apr-03
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ_08 Datasheet
1Mb / 9P
20V Complementary PowerTrench짰 MOSFE
logo
Unisonic Technologies
10N70-Q UTC-10N70-Q Datasheet
207Kb / 6P
N-CHANNEL POWER MOSFE
3N65K-MK4 UTC-3N65K-MK4 Datasheet
210Kb / 6P
N-CHANNEL POWER MOSFE
logo
Cystech Electonics Corp...
MTE025N04N3 CYSTEKEC-MTE025N04N3 Datasheet
419Kb / 9P
40V N-Channel Enhancement Mode MOSFE
MTC4503BH8 CYSTEKEC-MTC4503BH8 Datasheet
1Mb / 14P
N-AND P-Channel Enhancement Mode MOSFE
logo
IXYS Corporation
IXTP150N15X4A IXYS-IXTP150N15X4A Datasheet
243Kb / 6P
Power MOSFE
logo
Shanghai Leiditech Elec...
LM23T20V06 LEIDITECH-LM23T20V06 Datasheet
521Kb / 3P
N-Channel MOSFE T
logo
ACE Technology Co., LTD...
ACE160P17B ACE-ACE160P17B Datasheet
238Kb / 2P
P-Channel Enhancement Mode Power MOSFE
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com