Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1966059 Datasheet (PDF) - PHOENIX CONTACT

1966059 Datasheet PDF - PHOENIX CONTACT
Part # 1966059
Download  1966059 Download
File Size   577.55 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 3-ST-3,5 BD:1-3 - PCB connector

1966059 Datasheet (PDF)

Go To PDF Page Download Datasheet
1966059 Datasheet PDF - PHOENIX CONTACT

Part # 1966059
Download  1966059 Click to download

File Size   577.55 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 3-ST-3,5 BD:1-3 - PCB connector

1966059 Datasheet (HTML) - PHOENIX CONTACT


1966059 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MCVW 1,5/.
.-ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC 1,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1966059

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
19660-1 PENTAIR-19660-1 Datasheet
4Mb / 56P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
PHOENIX CONTACT
1966046 PHOENIX-1966046 Datasheet
575Kb / 11P
MCVW 1,5/ 2-ST-3,5 BD:1-2 - PCB connector
1966062 PHOENIX-1966062 Datasheet
580Kb / 11P
MCVW 1,5/ 5-ST-3,5 BD:1-5 - PCB connector
1966091 PHOENIX-1966091 Datasheet
168Kb / 12P
Printed-circuit board connector - FMC 1,5/ 2-STF-3,5
More results


Similar Description - 1966059

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826982 PHOENIX-1826982 Datasheet
151Kb / 6P
MCVW 1,5/ 3-ST-3,81
1701903 PHOENIX-1701903 Datasheet
73Kb / 4P
Plug - MCVR 1,5/ 3-ST-3,81 BD:1-3
1862946 PHOENIX-1862946 Datasheet
139Kb / 5P
MCVW 1,5/11-ST-3,5
1892851 PHOENIX-1892851 Datasheet
71Kb / 5P
Printed-circuit board connector - MCVW 1,5/ 3-ST-3,5 AU
1900471 PHOENIX-1900471 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST-3,5 BD:1-3
1962516 PHOENIX-1962516 Datasheet
73Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 3-ST-3,81 BD:1-3
1848274 PHOENIX-1848274 Datasheet
101Kb / 4P
Plug - MC 1,5/ 3-ST-3,81 BD:1-3
11/05/2018
1862904 PHOENIX-1862904 Datasheet
357Kb / 11P
PCB connector - MCVW 1,5/ 7-ST-3,5
Jan 3, 2023
1862991 PHOENIX-1862991 Datasheet
400Kb / 12P
PCB connector - MCVW 1,5/16-ST-3,5
Jan 10, 2023
1863013 PHOENIX-1863013 Datasheet
351Kb / 10P
PCB connector - MCVW 1,5/ 3-STF-3,5
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com