Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet (PDF) - Texas Instruments

TMP411 Datasheet PDF - Texas Instruments
Part # TMP411
Download  TMP411 Download
File Size   2108.3 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction

TMP411 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP411 Datasheet PDF - Texas Instruments

Part # TMP411
Download  TMP411 Click to download

File Size   2108.3 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction

TMP411 Datasheet (HTML) - Texas Instruments


TMP411 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• TMP411-Q1:
– ±1°C local (on-chip) temp accuracy
– ±1°C remote junction temp accuracy
– Supply range: 2.7V to 5.5V
– Available in VSSOP 8-pin package
• TMP411D-Q1:
– ±0.8°C local (on-chip) temp accuracy
– ±0.8°C remote junction temp accuracy
– Supply range: 1.62V to 5.5V
– Available in SOT-23 8-pin package
• I2C interface (SMBus compatible)
– Programmable resolution: 9 to 12 bits
– Multiple interface addresses
• Integrated calibration/protection features:
– Programmable non-ideality factor
– Series resistance cancellation
– Remote BJT/diode fault detection
– Alert function
• ALERT / THERM2 pin configuration
– Programmable threshold limits
– Minimum and maximum temperature monitors

2 Applications
• Advanced driver assistance systems (ADAS)
• Body electronics and lighting
• Infotainment and cluster
– Head unit and digital cockpit
– Automotive display
• Hybrid, electric, and powertrain systems
• Processor and FPGA temperature monitoring

3 Description
The TMP411-Q1/TMP411D-Q1 is a remote
temperature sensor monitor with a built-in local
temperature sensor. The remote temperature-sensor
diode-connected transistors are typically low-cost,
NPN- or PNP-type transistors or diodes that are an
integral part of microcontrollers, microprocessors, or
FPGAs.
Remote accuracy is ±1°C (TMP411-Q1) or ±0.8°C
(TMP411D-Q1) for multiple IC manufacturers, with
no calibration needed. The two-wire serial interface
accepts SMBus write byte, read byte, send byte,
and receive byte commands to program the alarm
thresholds and to read temperature data.
Features included in the TMP411-Q1/TMP411D-Q1
are: series resistance cancellation, programmable
non-ideality factor, programmable resolution,
programmable threshold limits, minimum and
maximum temperature monitors, wide remote
temperature measurement range (up to 150°C), diode
fault detection, and temperature alert function.
The TMP411-Q1 is available in a VSSOP-8 package,
and the TMP411D-Q1 is available in an SOT23-8
package.




Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI2-TMP411 Datasheet
912Kb / 48P
TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED DECEMBER 2016
More results


Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1_V02 Datasheet
1Mb / 37P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com