Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1133 Datasheet (PDF) - Texas Instruments

TMUX1133 Datasheet PDF - Texas Instruments
Part # TMUX1133
Download  TMUX1133 Download
File Size   1466.26 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches

TMUX1133 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1133 Datasheet PDF - Texas Instruments

Part # TMUX1133
Download  TMUX1133 Click to download

File Size   1466.26 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX113x 5V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches

TMUX1133 Datasheet (HTML) - Texas Instruments


TMUX1133 Product details

1 Features
• Single supply range: 1.08V to 5.5V
• Dual supply range: ±2.75V
• Low leakage current: 3pA
• Low charge injection: -1pC
• Low on-resistance: 2Ω
• -40°C to +125°C operating temperature
• 1.8V logic compatible
• Fail-safe logic
• Rail to rail operation
• Bidirectional signal path
• Break-before-make switching
• ESD protection HBM: 2000V

2 Applications
• Field transmitters
• Programmable logic controllers (PLC)
• Factory automation and control
• Ultrasound scanners
• Patient monitoring and diagnostics
• Electrocardiogram (ECG)
• Data acquisition systems (DAQ)
• ATE test equipment
• Battery test equipment
• Instrumentation: lab, analytical, and portable
• Smart meters: water and gas
• Optical networking
• Optical test equipmentt
• Portable POS
• Remote radio units
• Active antenna system (mMIMIO)

3 Description
The TMUX113x devices are precision complementary
metal-oxide semiconductor (CMOS) switches with
multiple channels. The TMUX1133 is a 2:1, singlepole
double-throw (SPDT), configuration with three
independently controlled channels and an EN pin
to enable or disable all three switches. The
TMUX1134 contains four independently controlled
SPDT switches. Wide operating supply of 1.08V to
5.5V, or ±2.75V dual supply, allows for use in a
broad array of applications from medical equipment to
industrial systems. The device supports bidirectional
analog and digital signals on the source (Sx) and
drain (Dx) pins ranging from VSS to VDD. For single
supply applications VSS must be connected to GND.
All logic inputs have 1.8V logic compatible thresholds,
allowing for both TTL and CMOS logic compatibility
when operating in the valid supply voltage range. Fail-
Safe Logic circuitry allows voltages on the control pins
to be applied before the supply pin, protecting the
device from potential damage.
The TMUX113x devices are part of the precision
switches and multiplexers family. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications. A low supply current of
8nA enables use in portable applications.




Similar Part No. - TMUX1133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1133 TI1-TMUX1133 Datasheet
769Kb / 39P
5-V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
TMUX1133PWR TI1-TMUX1133PWR Datasheet
769Kb / 39P
5-V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
More results


Similar Description - TMUX1133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX1104 TI1-TMUX1104 Datasheet
587Kb / 26P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1108 TI1-TMUX1108 Datasheet
1Mb / 38P
5V / (-)2.5V, Low-Leakage-Current, 8:1 Precision Multiplexer
TMUX1109 TI1-TMUX1109 Datasheet
1Mb / 39P
5 V, (-)2.5 V, Low-Leakage-Current, 4:1, 2-Channel Precision Multiplexer
TMUX1119 TI1-TMUX1119 Datasheet
664Kb / 32P
5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
TMUX1111 TI1-TMUX1111 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1101 TI1-TMUX1101 Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1136 TI1-TMUX1136 Datasheet
628Kb / 32P
5-V Low-Leakage-Current, 2:1, 2-Channel Precision Analog Switch
TMUX1133 TI1-TMUX1133 Datasheet
769Kb / 39P
5-V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
TMUX1121 TI1-TMUX1121 Datasheet
630Kb / 35P
5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com