Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RTJT Datasheet (PDF) - Texas Instruments

TPA2016D2RTJT Datasheet PDF - Texas Instruments
Part # TPA2016D2RTJT
Download  TPA2016D2RTJT Download
File Size   2034.27 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control

TPA2016D2RTJT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2016D2RTJT Datasheet PDF - Texas Instruments

Part # TPA2016D2RTJT
Download  TPA2016D2RTJT Click to download

File Size   2034.27 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control

TPA2016D2RTJT Datasheet (HTML) - Texas Instruments


TPA2016D2RTJT Product details

1 Features
1• Filter-Free Class-D Architecture
• 1.7 W/Ch Into 8 Ω at 5 V (10% THD+N)
• 750 mW/Ch Into 8 Ω at 3.6 V (10% THD+N)
• 2.8 W/Ch Into 4 Ω at 5 V (10% THD+N)
• 1.5 W/Ch Into 4 Ω at 3.6 V (10% THD+N)
• Power Supply Range: 2.5 V to 5.5 V
• Flexible Operation With or Without I2C
• Programmable DRC and AGC Parameters
• Digital I2C Volume Control
• Selectable Gain from –28 dB to 30 dB in 1-dB
Steps (When Compression is Used)
• Selectable Attack, Release, and Hold Times
• 4 Selectable Compression Ratios
• Low Supply Current: 3.5 mA
• Low Shutdown Current: 0.2 μA
• High PSRR: 80 dB
• Fast Start-Up Time: 5 ms
• AGC Enable or Disable Function
• Limiter Enable or Disable Function
• Short-Circuit and Thermal Protection
• Space-Saving Package
– 2.2 mm × 2.2 mm Nano-Free™ DSBGA (YZH)

2 Applications
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• Portable DVD Players
• Notebook PCs
• Portable Radios
• Portable Games
• Educational Toys
• USB Speakers

3 Description
The TPA2016D2 device is a stereo, filter-free Class-D
audio power amplifier with volume control, dynamic
range compression (DRC), and automatic gain
control (AGC). It is available in a 2.2 mm × 2.2 mm
DSBGA package and 20-pin QFN package.
The DRC and AGC function in the TPA2016D2 is
programmable through a digital I2C interface. The
DRC and AGC function can be configured to
automatically prevent distortion of the audio signal
and enhance quiet passages that are normally not
heard. The DRC and AGC can also be configured to
protect the speaker from damage at high power
levels and compress the dynamic range of music to fit
within the dynamic range of the speaker. The gain
can be selected from –28 dB to +30 dB in 1-dB steps.
The TPA2016D2 is capable of driving 1.7 W/Ch at 5
V or 750 mW/Ch at 3.6 V into 8-Ω load or 2.8 W/Ch
at 5 V or 1.5 W/Ch at 3.6 V into 4-Ω load. The device
features independent software shutdown controls for
each channel and also provides thermal and shortcircuit
protection.
In addition to these features, a fast start-up time and
small package size make the TPA2016D2 an ideal
choice for cellular handsets, PDAs, and other
portable applications.




Similar Part No. - TPA2016D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results


Similar Description - TPA2016D2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
7.4W Class F, with automatic gain control audio amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com