Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136AD2 Datasheet (PDF) - Texas Instruments

TPA3136AD2 Datasheet PDF - Texas Instruments
Part # TPA3136AD2
Download  TPA3136AD2 Download
File Size   3086.86 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier

TPA3136AD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3136AD2 Datasheet PDF - Texas Instruments

Part # TPA3136AD2
Download  TPA3136AD2 Click to download

File Size   3086.86 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier

TPA3136AD2 Datasheet (HTML) - Texas Instruments


TPA3136AD2 Product details

1 Features
• 2 × 3 W into 8-Ω, 1% THD+N, 7.4-V supply
• 2 × 10 W into 8-Ω, 1% THD+N, 13.5-V supply
• Fast Turn-on time < 15 ms
• Wide supply range 3.5-V to 14.4-V
–
• Low idle current and small footprint for portable
audio applications
– 4 x 4 mm2 QFN-24 package
– 20-mA (12-V) idle current with 1SPW
modulation
– > 90% Class-D efficiency
• Flexible audio solution:
– MUTE signal for fast enable and enable of
outputs
– Single-ended or differential analog inputs
– Selectable gain: 20 dB and 26 dB
• Integrated Protections and Auto Recovery:
– Pin-to-pin, pin-to-ground, and pin-to-power
short circuit protection
– Thermal protection, undervoltage protection,
and overvoltage protection
– Power limiter and DC speaker protection
• Spread-spectrum modulation reduces EMI
emission
• Reduced solution size and cost:
– EN55022 EMC compliant with ferrite bead
filters
– No external heatsink required

2 Applications
• Mobile, portable radios
• Notebooks
• Bluetooth® speakers and wireless speakers
• Smart home appliance
• TVs and monitors

3 Description
The TPA3139D2 is a 10-W stereo Class-D audio
amplifier, featuring a fast turn-on time of <15 ms and
mute function. It consumes low idle current of only 20-
mA (12-V) and can operate down to 3.5-V, allowing
for longer audio playback. Along with a small, 4 x 4
mm2 QFN package, the TPA3139D2 is optimized for
2-cell or 3-cell battery-powered systems with the
space constraints. In addition, the Spread Spectrum
Control enables the use of inexpensive ferrite bead
filters while meeting EMC requirements for system
cost reduction.
To further simplify the design, the TPA3139D2
integrates essential protection features including
undervoltage, overvoltage, power limit, short circuit,
overtemperature, as well as DC speaker protection.
All of these protections support automatic recovery.




Similar Part No. - TPA3136AD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3136AD2 TI1-TPA3136AD2 Datasheet
1Mb / 35P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136AD2 TI2-TPA3136AD2 Datasheet
1Mb / 38P
TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
REVISED JANUARY 2020
TPA3136AD2PWP TI1-TPA3136AD2PWP Datasheet
1Mb / 35P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136AD2PWP TI2-TPA3136AD2PWP Datasheet
1Mb / 38P
TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
REVISED JANUARY 2020
TPA3136AD2PWP.A TI2-TPA3136AD2PWP.A Datasheet
1Mb / 38P
TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
REVISED JANUARY 2020
More results


Similar Description - TPA3136AD2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA3138D2 TI1-TPA3138D2_18 Datasheet
1Mb / 36P
10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
TPA3139D2 TI1-TPA3139D2 Datasheet
2Mb / 39P
TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com