Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1E1B04DPYR Datasheet (PDF) - Texas Instruments

TPD1E1B04DPYR Datasheet PDF - Texas Instruments
Part # TPD1E1B04DPYR
Download  TPD1E1B04DPYR Download
File Size   1002.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E1B04 1-Channel ESD Protection Diode with Low RDYN and Low Clamping Voltage

TPD1E1B04DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1E1B04DPYR Datasheet PDF - Texas Instruments

Part # TPD1E1B04DPYR
Download  TPD1E1B04DPYR Click to download

File Size   1002.73 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E1B04 1-Channel ESD Protection Diode with Low RDYN and Low Clamping Voltage

TPD1E1B04DPYR Datasheet (HTML) - Texas Instruments


TPD1E1B04DPYR Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±30-kV Contact Discharge
– ±30-kV Air Gap Discharge
• IEC 61000-4-4 EFT Protection
– 80 A (5/50 ns)
• IEC 61000-4-5 Surge Protection
– 6.3 A (8/20 μs)
• IO Capacitance: 1 pF (Typical)
• DC Breakdown Voltage: 6.4 V (Typical)
• Low Leakage Current: 100 nA (Maximum)
• Extremely Low ESD Clamping Voltage
– 8.5 V at ±16-A TLP
– RDYN: 0.15 Ω
• Industrial Temperature Range: –40°C to +125°C
• Industry Standard 0402 Package

2 Applications
• End Equipment
– Wearables
– Laptops and Desktops
– Mobile and Tablets
– Set-Top Boxes
– DVR and NVR
– TV and Monitors
– EPOS (Electronic Point of Sale)
• Interfaces
– USB 2.0/1.1
– GPIO
– Pushbuttons
– Audio

3 Description
The TPD1E1B04 is a bidirectional TVS ESD
protection diode featuring low RDYN and low clamping
voltage. The TPD1E1B04 is rated to dissipate ESD
strikes at the maximum level specified in the IEC
61000-4-2 international standard (Level 4).
The ultra-low dynamic resistance (0.15 Ω) and
extremely low clamping voltage (8.5 V at 16-A TLP)
ensure system level protection against transient
events. This device features a 1-pF IO capacitance
making it ideal for protecting interfaces such as USB
2.0.
The TPD1E1B04 is offered in the industry standard
0402 (DPY) package.




Similar Part No. - TPD1E1B04DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E1B04DPYR TI1-TPD1E1B04DPYR Datasheet
250Kb / 17P
1-Channel ESD Protection Diode with Low R(DYN) and Low Clamping Voltage
logo
Shanghai Leiditech Elec...
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
Texas Instruments
TPD1E1B04DPYR TI2-TPD1E1B04DPYR Datasheet
993Kb / 21P
TPD1E1B04 1-Channel ESD Protection Diode with Low RDYN and Low Clamping Voltage
REVISED JULY 2016
logo
Shanghai Leiditech Elec...
TPD1E1B04DPYR-TP LEIDITECH-TPD1E1B04DPYR-TP Datasheet
341Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
Texas Instruments
TPD1E1B04DPYR.B TI2-TPD1E1B04DPYR.B Datasheet
993Kb / 21P
TPD1E1B04 1-Channel ESD Protection Diode with Low RDYN and Low Clamping Voltage
REVISED JULY 2016
More results


Similar Description - TPD1E1B04DPYR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E1B04 TI1-TPD1E1B04 Datasheet
250Kb / 17P
1-Channel ESD Protection Diode with Low R(DYN) and Low Clamping Voltage
logo
Infineon Technologies A...
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
logo
Texas Instruments
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
logo
ON Semiconductor
NSPU5201 ONSEMI-NSPU5201 Datasheet
180Kb / 6P
ESD and Surge Protection Diode Low Clamping Voltage
March, 2021 ??Rev. 2
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com