Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1E6B06 Datasheet (PDF) - Texas Instruments

TPD1E6B06 Datasheet PDF - Texas Instruments
Part # TPD1E6B06
Download  TPD1E6B06 Download
File Size   393.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E6B06 Single-Channel ESD Protection Diode in 0201 Package

TPD1E6B06 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1E6B06 Datasheet PDF - Texas Instruments

Part # TPD1E6B06
Download  TPD1E6B06 Click to download

File Size   393.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E6B06 Single-Channel ESD Protection Diode in 0201 Package

TPD1E6B06 Datasheet (HTML) - Texas Instruments


TPD1E6B06 Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±15-kV Contact Discharge
– ±15-kV Air-Gap Discharge
• IEC 61000-4-5 Surge: 3.8 A (8/20 μs)
• I/O Capacitance: 6 pF (Typical)
• RDYN: 0.55 Ω (Typical)
• DC Breakdown Voltage: ±6 V (Minimum)
• Low Leakage Current: 10 nA (Typical)
• Low ESD Clamping Voltage
• Industrial Temperature Range: –40°C to 125°C
• Space-Saving 0201 Footprint
(0.6 mm × 0.3 mm × 0.3 mm)

2 Applications
• End Equipment
– Mobile Phones
– Tablets
– Wearables
– Remote Controllers
– Electronic Point of Sale (EPOS)
• Interfaces
– Audio Lines
– General-Purpose Input/Output (GPIO)
– Pushbuttons

3 Description
The TPD1E6B06 device is a single-channel TVS
diode for electrostatic discharge (ESD) protection in a small 0201 package. The TPD1E6B06 is rated to
dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4), with ±15-kV contact discharge and ±15-kV air-gap ESD protection. The device has a back-to-
back TVS diode configuration for bipolar or
bidirectional signal support. The 6-pF line
capacitance is suitable to provide transient voltage
suppression circuit protection for a wide range of
applications, supporting data rates up to
800 Mbps.
Typical application interfaces for the TPD1E6B06 are
audio lines (microphone, earphone, and
speakerphone), SD interfacing, keypad or other
buttons, as well as the VBUS and ID pins of USB
ports. With its industry-standard 0201 package, The TPD1E6B06 has an extremely small footprint, making
it ideal for space-saving end equipment like mobile
phones, tablets, and wearables.




Similar Part No. - TPD1E6B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06 Datasheet
420Kb / 13P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI2-TPD1E6B06 Datasheet
384Kb / 17P
TPD1E6B06 Single-Channel ESD Protection Diode in 0201 Package
REVISED OCTOBER 2015
TPD1E6B06DPLR TI-TPD1E6B06DPLR Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06DPLR TI1-TPD1E6B06DPLR Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
More results


Similar Description - TPD1E6B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
Single-Channel ESD Protection Diode in 0402 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Shanghai Leiditech Elec...
PESD1421U005 LEIDITECH-PESD1421U005 Datasheet
755Kb / 6P
Ultal Low Capacitance ESD Protection Diode in 0201
PESD1621U005 LEIDITECH-PESD1621U005 Datasheet
1Mb / 5P
Ultal Low Capacitance ESD Protection Diode in 0201
PESD1821U005 LEIDITECH-PESD1821U005 Datasheet
2Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0201
logo
Texas Instruments
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com