Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0202 Datasheet (PDF) - Texas Instruments

TPL0202 Datasheet PDF - Texas Instruments
Part # TPL0202
Download  TPL0202 Download
File Size   1209.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory

TPL0202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL0202 Datasheet PDF - Texas Instruments

Part # TPL0202
Download  TPL0202 Click to download

File Size   1209.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory

TPL0202 Datasheet (HTML) - Texas Instruments


TPL0202 Product details

1 Features
1• Two Potentiometers With 256-Position Resolution
• Non-Volatile Memory Stores Wiper Settings
• 10-kΩ End-to-End Resistance (TPL0202-10)
• Fast Power-Up Response Time: <100 μs
• ±1 LSB INL, ±0.5 LSB DNL (Voltage-Divider
Mode)
• 12 ppm/°C Ratiometric Temperature Coefficient
• SPI Serial Interface
• 2.7 to 5.5 V Single-Supply Operation
• Operating Temperature Range From
–40°C to +105°C

2 Applications
• Adjustable Gain Amplifiers and Offset Trimming
• Adjustable Power Supplies
• Precision Calibration of Set Point Thresholds
• Sensor Trimming and Calibration
• Mechanical Potentiometer Replacement

3 Description
The TPL0202 has two linear-taper digital
potentiometers (DPOTs) with 256 wiper positions.
Each potentiometer can be used as a three-terminal
potentiometer or as a two-terminal rheostat. The
TPL0202-10 has an end-to-end resistance of 10 kΩ.
This DPOT can be used as a mechanical
potentiometer replacement, allowing the user (or
software) to digitally control and adjust resistance.
The TPL0202 has non-volatile memory (EEPROM)
which can be used to store the wiper position for
automatic recall upon power-up. The internal
registers of the TPL0202 can be accessed using a
SPI-compatible digital interface.




Similar Part No. - TPL0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0202 TI1-TPL0202 Datasheet
1Mb / 35P
Dual Channel Digital Potentiometer
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10MRTER TI1-TPL0202-10MRTER Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10RUCR TI1-TPL0202-10RUCR Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
More results


Similar Description - TPL0202

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com