Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0401A Datasheet (PDF) - Texas Instruments

TPL0401A Datasheet PDF - Texas Instruments
Part # TPL0401A
Download  TPL0401A Download
File Size   700.44 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0401x-10 128-TAPS Single-Channel Digital Potentiometer With I2C Interface

TPL0401A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL0401A Datasheet PDF - Texas Instruments

Part # TPL0401A
Download  TPL0401A Click to download

File Size   700.44 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0401x-10 128-TAPS Single-Channel Digital Potentiometer With I2C Interface

TPL0401A Datasheet (HTML) - Texas Instruments


TPL0401A Product details

1 Features
1• Single-Channel, 128-Position Resolution
• 10-kΩ End-to-End Resistance Options
• Low Temperature Coefficient: 22 ppm/°C
• I2C Serial Interface
• 2.7-V to 5.5-V Single-Supply Operation
• ±20% Resistance Tolerance
• A and B Versions Have Different I2C Addresses
• L Terminal is Internal and Connected to GND
• Operating Temperature: –40°C to +125°C
• Available in Industry Standard SC70 Packages
• ESD Performance Tested per JESD 22
– 2000-V Human-Body Model (A114-B, Class II)

2 Applications
• Mechanical Potentiometer Replacement
• Adjustable Power Supplies
• Adjustable Gain Amplifiers and Offset Trimming
• Precision Calibration of Setpoint Thresholds
• Sensor Trimming and Calibration

3 Description
The TPL0401x-10 device is a single-channel, lineartaper
digital potentiometer with 128 wiper positions.
The TPL0401x-10 has the low terminal internal and
connected to GND. The position of the wiper can be
adjusted using an I2C interface. The TPL0401x-10 is
available in a 6-pin SC70 package with a specified
temperature range of –40°C to +125°C. The part has
a 10-kΩ end-to-end resistance and can operate with
a supply voltage range of 2.7 V to 5.5 V. This kind of
product is widely used in setting the voltage reference
for low power DDR3 memory.
The TPL0401x-10 has the low terminal internal and
connected to GND.




Similar Part No. - TPL0401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A Datasheet
671Kb / 21P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI-TPL0401A Datasheet
839Kb / 22P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A Datasheet
882Kb / 22P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A Datasheet
1Mb / 33P
128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results


Similar Description - TPL0401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com