Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5111 Datasheet (PDF) - Texas Instruments

TPL5111 Datasheet PDF - Texas Instruments
Part # TPL5111
Download  TPL5111 Download
File Size   838.88 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5111 Nano-Power System Timer for Power Gating

TPL5111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL5111 Datasheet PDF - Texas Instruments

Part # TPL5111
Download  TPL5111 Click to download

File Size   838.88 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5111 Nano-Power System Timer for Power Gating

TPL5111 Datasheet (HTML) - Texas Instruments


TPL5111 Product details

1 Features
1• Selectable Time Intervals: 100 ms to 7200 s
• Timer Accuracy: 1% (Typical)
• Current Consumption at 2.5 V and 35 nA (Typical)
• Resistor Selectable Time Interval
• Manual Power-On Input
• One-Shot Feature
• Supply Voltage Range: 1.8 V to 5.5 V

2 Applications
• Duty Cycle Control of Battery-Powered Systems
• Internet of Things (IoT)
• Intruder Detection
• Tamper Detection
• Home Automation Sensors
• Thermostats
• Consumer Electronics
• Remote Sensor
• White Goods

3 Description
The TPL5111 Nano Timer is a low-power system
timer designed for power gating in duty cycled or
battery-powered applications. Consuming only 35 nA,
the TPL5111 can be used to enable and disable the
power supply for a micro-controller or other system
device, drastically reducing the overall system standby
current during the sleep time. This power saving
enables the use of significantly smaller batteries for
energy harvesting or wireless sensor applications.
The TPL5111 provides selectable timing intervals
from 100 ms to 7200 s. In addition, the TPL5111 has
a unique one-shot feature where the timer will only
assert its enable pulse for one cycle. The TPL5111 is
available in a 6 -
pin SOT23 package.




Similar Part No. - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
TPL5111 Nano-Power System Timer for Power Gating
TPL5111 TI2-TPL5111 Datasheet
585Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
TPL5111 TI2-TPL5111 Datasheet
591Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
TPL5111DDCR TI1-TPL5111DDCR Datasheet
1Mb / 25P
TPL5111 Nano-Power System Timer for Power Gating
More results


Similar Description - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
Nano-Power Programmable Timer
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
TPL5111 Nano-Power System Timer for Power Gating
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
AEC-Q100 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com