Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet (PDF) - Texas Instruments

TPS16632 Datasheet PDF - Texas Instruments
Part # TPS16632
Download  TPS16632 Download
File Size   4709.86 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting

TPS16632 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS16632 Datasheet PDF - Texas Instruments

Part # TPS16632
Download  TPS16632 Click to download

File Size   4709.86 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting

TPS16632 Datasheet (HTML) - Texas Instruments


TPS16632 Product details

1 Features
• 4.5-V to 60-V operating voltage,
67-V absolute maximum
• Integrated 60-V, 31-mΩ RON hot-swap FET
• 0.6-A to 6-A adjustable current limit (±7%)
• Low quiescent current, 21 μA in shutdown
• Adjustable output power limiting (TPS16632 only)
(±6%)
• Adjustable UVLO and OVP cutoff with ±2%
accuracy
– Fixed 39-V maximum overvoltage clamp
(TPS16632 only)
• Adjustable output slew rate control for inrush
current limiting
– Charges large and unknown capacitive loads
through thermal regulation during device power
up
• Power Good output (PGOOD)
• Selectable overcurrent fault response options
between auto-retry and latch off (MODE)
• Analog current monitor (IMON) output (±6%)
• UL 2367 recognized
– File No. E169910
– RILIM ≥ 3 kΩ
• IEC 62368-1 certified
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Available in easy-to-use 24-pin VQFN package

2 Applications
• Factory automation and control – PLC, DCS, HMI,
I/O modules, sensor hubs
• Motor drives – CNC, encoder supply
• Electronic circuit breakers
• Telecom radios
• Industrial printers

3 Description
The TPS1663x is an easy-to-use, positive 60-V, 6-
A eFuse with a 31-mΩ integrated FET. Protection
for the load, source, and eFuse itself are provided
along with adjustable features such as accurate
overcurrent protection, fast short circuit protection,
output slew rate control, overvoltage protection
and undervoltage lockout. The TPS16332 device
integrates adjustable output power limiting (PLIM)
functionality that simplifies and enables compliance
to standards such as IEC61010-1 and UL1310.
The device also includes adjustable overcurrent
functionality. PGOOD can be used for enable and
disable control of the downstream DC/DC converters.
A shutdown pin provides external control for enabling
and disabling the internal FET, as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and a precise current monitor
output. The MODE pin allows flexibility to configure
the device between the two current-limiting fault
responses (latch off and auto-retry).
The devices are available in a 4-mm × 4-mm 24-pin
VQFN package and are specified over a –40°C to
+125°C temperature range.




Similar Part No. - TPS16632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS16632 TI1-TPS16632 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS16632 TI1-TPS16632 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS16632 TI1-TPS16632 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS16632 TI1-TPS16632 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS16632 TI1-TPS16632 Datasheet
4Mb / 46P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
FEBRUARY 2023
More results


Similar Description - TPS16632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS1663 TI1-TPS1663_19 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS1663 TI1-TPS1663_V01 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V02 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V04 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V06 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com