Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2062C Datasheet (PDF) - Texas Instruments

TPS2062C Datasheet PDF - Texas Instruments
Part # TPS2062C
Download  TPS2062C Download
File Size   3404.02 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS20xxC, TPS20xxC-2 Dual Channel, Current-Limited, Power-Distribution Switches

TPS2062C Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2062C Datasheet PDF - Texas Instruments

Part # TPS2062C
Download  TPS2062C Click to download

File Size   3404.02 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS20xxC, TPS20xxC-2 Dual Channel, Current-Limited, Power-Distribution Switches

TPS2062C Datasheet (HTML) - Texas Instruments


TPS2062C Product details

1 Features
1• Dual Power Switch Family
• Rated Currents of 0.5 A, 1 A, 1.5 A, 2 A
• Accurate ±20% Current Limit Tolerance
• Fast Overcurrent Response – 2 μs (Typical)
• 70-mΩ (Typical) High-Side N-Channel MOSFET
• Operating Range: 4.5 V to 5.5 V
• Deglitched Fault Reporting (FLTx)
• Selected Parts With (TPS20xxC) and Without
(TPS20xxC-2) Output Discharge
• Reverse Current Blocking
• Built-in Softstart
• Pin for Pin With Existing TI Switch Portfolio
• Ambient Temperature Range: –40°C to 85°C

2 Applications
• USB Ports or Hubs, Laptops, Desktops
• High-Definition Digital TVs
• Set Top Boxes
• Short Circuit Protection

3 Description
The TPS20xxC and TPS20xxC-2 dual power-
distribution switch family is intended for applications such as USB where heavy capacitive loads and
short-circuits may be encountered. This family offers
multiple devices with fixed current-limit thresholds for
applications between 0.5 A and 2 A.
The TPS20xxC and TPS20xxC-2 dual family limits
the output current to a safe level by operating in a constant-current mode when the output load exceeds
the current-limit threshold. This provides a predictable
fault current under all conditions. The fast overcurrent
response time eases the burden on the main 5 V
supply to provide regulated power when the output is shorted. The power-switch rise and fall times are
controlled to minimize current surges during turnon
and turnoff.




Similar Part No. - TPS2062C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062C-2 TI1-TPS2062C-2 Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CD TI1-TPS2062CD Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CD TI1-TPS2062CD Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDGN TI1-TPS2062CDGN Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
More results


Similar Description - TPS2062C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com