Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92.03.0 Datasheet (PDF) - Finder Relays, Inc.

92.03.0 Datasheet PDF - Finder Relays, Inc.
Part # 92.03.0
Download  92.03.0 Download
File Size   2720.51 Kbytes
Page   14 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Power relays 16 A

92.03.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
92.03.0 Datasheet PDF - Finder Relays, Inc.

Part # 92.03.0
Download  92.03.0 Click to download

File Size   2720.51 Kbytes
Page   14 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Power relays 16 A

92.03.0 Datasheet (HTML) - Finder Relays, Inc.


92.03.0 Product details

Features
Printed circuit mount 16 A Power relay
• 2 & 3 Pole changeover contacts or NOm (≥ 3 mm contact gap)
• AC coils & DC coils
• Reinforced insulation between coil and contacts according to EN 60335-1, with 6 mm clearance & 8 mm creepage distance
• SELV coil-contact separator option
• Cadmium Free contact material options





Similar Description - 92.03.0

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
DC Power Relays (60-A, 100-A Models)
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
DC Power Relays (200-A Models)
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Schneider Electric
LR3D22 SCHNEIDER-LR3D22 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D226 SCHNEIDER-LR3D226 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
RPZF3 SCHNEIDER-RPZF3 Datasheet
150Kb / 4P
Harmony, Socket, for RPM3 power relays, 16 A screw clamp terminals, mixed contact
Aug 5, 2021
RPZF4 SCHNEIDER-RPZF4 Datasheet
148Kb / 4P
Harmony, Socket, for RPM4 power relays, 16 A screw clamp terminals, mixed contact
Aug 5, 2021
LR3D22 SCHNEIDER-LR3D22_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 25, 2022
logo
List of Unclassifed Man...
41-SERIES ETC1-41-SERIES Datasheet
923Kb / 10P
Low profile PCB relays 8 - 12 - 16 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com