Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79106 Datasheet (PDF) - MaxLinear. All Rights Reserved.

XR79106 Datasheet PDF - MaxLinear. All Rights Reserved.
Part # XR79106
Download  XR79106 Download
File Size   1983.85 Kbytes
Page   18 Pages
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.
Description 22V, 6A Synchronous Step-Down COT Power Module

XR79106 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR79106 Datasheet PDF - MaxLinear. All Rights Reserved.

Part # XR79106
Download  XR79106 Click to download

File Size   1983.85 Kbytes
Page   18 Pages
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.
Description 22V, 6A Synchronous Step-Down COT Power Module

XR79106 Datasheet (HTML) - MaxLinear. All Rights Reserved.


XR79106 Product details

Description
The XR79106 is part of a family of 22V synchronous step-down
power modules combining the controller, drivers, inductor, passive
components and MOSFETs in a single package for point-of-load
supplies. This module requires very few external components, leading
to ease of design and fast time to market. The XR79106 has a load
current rating of 6A. A wide 4.5V to 22V input voltage range allows
for single supply operation from industry standard 5V, 12V and
19.6V rails.
With a proprietary emulated current mode Constant On-Time (COT)
control scheme, the XR79106 provides extremely fast line and load
transient response using ceramic output capacitors. It requires no
loop compensation, simplifying circuit implementation and reducing
overall component count. The control loop also provides 0.2% load
and 0.2% line regulation and maintains constant operating frequency.
A selectable power saving mode allows the user to operate in
Discontinuous Current Mode (DCM) at light current loads, significantly
increasing the converter efficiency.
A host of protection features, including overcurrent, over temperature,
short-circuit and UVLO, helps achieve safe operation under abnormal
operating conditions.
The XR79106 is available in a RoHS-compliant, green / halogen-free
space-saving 8mm x 8mm x 4mm GQFN package.

EATURES
■ 6A step-down power module
■ 4.5V to 22V wide single input voltage
■ ≥0.6V adjustable output voltage
■ Controller, drivers, inductor, passive
components and MOSFETs integrated in
one package
■ Proprietary constant on-time control
■ No loop compensation required
■ Stable with ceramic output capacitors
■ Programmable 100ns to1µs on-time
■ Constant 600kHz to 800kHz frequency
■ Selectable CCM or DCM / CCM
operation
■ Precision enable and power-good flag
■ Programmable soft-start
■ 8mm x 8mm x 4mm GQFN package

APPLICATIONS
■ FPGA, DSP and processor supplies
■ Distributed power architecture
■ Point-of-load converters
■ Power supply modules
■ Base stations
■ Switches and routers
■ Servers




Similar Part No. - XR79106

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79106EL-F EXAR-XR79106EL-F Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79106EVB EXAR-XR79106EVB Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
More results


Similar Description - XR79106

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
22V, 3A Synchronous Step-Down COT Power Module
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
22V, 20A Synchronous Step Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
22V, 3A Synchronous Step-Down COT Power Module
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
XR79110 EXAR-XR79110_17 Datasheet
1Mb / 19P
22V, 10A Synchronous Step Down COT Power Module
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com