Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC320DXN-SER1 Datasheet (PDF) - LG Semicon Co.,Ltd.

LC320DXN-SER1 Datasheet PDF - LG Semicon Co.,Ltd.
Part # LC320DXN-SER1
Download  LC320DXN-SER1 Download
File Size   1118.16 Kbytes
Page   36 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description 32.0” WXGA TFT LCD

LC320DXN-SER1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC320DXN-SER1 Datasheet PDF - LG Semicon Co.,Ltd.

Part # LC320DXN-SER1
Download  LC320DXN-SER1 Click to download

File Size   1118.16 Kbytes
Page   36 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description 32.0” WXGA TFT LCD

LC320DXN-SER1 Datasheet (HTML) - LG Semicon Co.,Ltd.


LC320DXN-SER1 Product details

General Description
The LC320DXN is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode (LED)
backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive display type which is operating in the normally black mode. It has a 31.51 inch diagonally
measured active display area with WXGA resolution (768 vertical by 1366 horizontal pixel array).
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in Horizontal stripes.
Gray scale or the luminance of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus presenting a palette of more than 16.7M(6bit + A-FRC) colors.
It has been designed to apply the 8-bit 1-port LVDS interface.
It is intended to support LCD TV, PCTV where high brightness, super wide viewing angle, high color gamut,
high color depth and fast response time are important.




Similar Part No. - LC320DXN-SER1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC320DXE LG-LC320DXE Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
LC320DXE-SFR1 LG-LC320DXE-SFR1 Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
More results


Similar Description - LC320DXN-SER1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T315XW01 ETC-T315XW01 Datasheet
519Kb / 22P
WXGA Color TFT-LCD Module
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC230WX3 LG-LC230WX3 Datasheet
462Kb / 28P
Liquid Crystal Display (23.0Inch WXGA TFT LCD)
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
26.0??WXGA TFT LCD
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W_17 Datasheet
284Kb / 2P
15.6 WXGA TFT Widescreen Industrial LCD Monitor
logo
AU Optronics Corp.,
M190PW01-V0 AUO-M190PW01-V0 Datasheet
787Kb / 28P
19 WXGA Color TFT-LCD
B141EW04V4 AUO-B141EW04V4 Datasheet
481Kb / 35P
14.1 WXGA Color TFT-LCD
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
14.1??WXGA TFT LCD
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
15.4 WXGA TFT LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com