Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBM014400 Datasheet (PDF) - IBM

IBM014400 Datasheet PDF - IBM
Part # IBM014400
Download  IBM014400 Download
File Size   1896.76 Kbytes
Page   24 Pages
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM
Description 1M x 4 10/10 DRAM

IBM014400 Datasheet (PDF)

Go To PDF Page Download Datasheet
IBM014400 Datasheet PDF - IBM

Part # IBM014400
Download  IBM014400 Click to download

File Size   1896.76 Kbytes
Page   24 Pages
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM
Description 1M x 4 10/10 DRAM

IBM014400 Datasheet (HTML) - IBM


IBM014400 Product details

Features
1,048,576 word by 4 bit organization
Power Supply: 3.3 ±0.3V or 5.0 ±0.5V
Standard Power (SP) and Low Power (LP)
1024 Refresh Cycles
16 ms Refresh Rate (SP version)
128 ms Refresh Rate (LP version)
Power Dissipation
Active (max)
85 mA/70 mA (5.0V)
- 95 mA/80 mA (3.3V)
Standby Current: TTL Inputs (max)
2.0 mA (SP version)
1.0 mA (LP version)
Standby Current: CMOS Inputs (max)
- 1.0 mA (SP version)
- 0.15 mA (LP version)
Fast Page Mode
RAS Only, and CAS before RAS Refresh
Hidden Refresh
Self-Refresh (LP version only)
Packages: SOJ-26/20 (300mil)
TSOP-26/20 (300mil)

Description
The IBM014400 is a fast-page dynamic RAM organized 1,048,576 words by 4 bits. The devices are
fabricated in IBM's 4M-bit Shrink 2 CMOS silicon
gate technology. The circuits and process have
been designed to provide high performance, low
power dissipation, and high reliability. The devices
operate with either a 5.0V ± 0.5V or 3.3V ± 0.3V
power supply and are offered in a plastic 26/20 pin
SOJ (300mil) or TSOP (300mil) package. Refreshing may be accomplished by means of a CAS before
RAS refresh cycle (CBR) that internally generates
the refresh address. RAS - only refresh cycles can
also refresh all memory locations. Self-Refresh
mode is entered by holding RAS low for ≥ 100µS during a CBR cycle. Detection of this long RAS time
during a CBR cycle starts an internal oscillator that
maintains data integrity without external clocking. Self-Refresh mode is included as a standard feature
for Low Power devices (IBM014400M and
IBM014400P). Self Refresh operating current is
≤ 170μA (max) and typically ≤ 100μA. Alllow power
devices support Extended Data Retention of 128ms,
eight times (8x) the retention supported by IBM's
standard power devices.




Similar Part No. - IBM014400

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
IBM25NPE405L-3FA133C AMCC-IBM25NPE405L-3FA133C Datasheet
944Kb / 54P
PowerNP
IBM25NPE405L-3FA133CZ AMCC-IBM25NPE405L-3FA133CZ Datasheet
944Kb / 54P
PowerNP
IBM25NPE405L-3FA200C AMCC-IBM25NPE405L-3FA200C Datasheet
944Kb / 54P
PowerNP
IBM25NPE405L-3FA200CZ AMCC-IBM25NPE405L-3FA200CZ Datasheet
944Kb / 54P
PowerNP
IBM25NPE405L-3FA266C AMCC-IBM25NPE405L-3FA266C Datasheet
944Kb / 54P
PowerNP
More results


Similar Description - IBM014400

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
4 Banks x 1M x 16Bit Synchronous DRAM
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
4 Banks x 1M x 32Bit Synchronous DRAM
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
1M x 4-bit CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
1M x 4-bit CMOS DRAM
logo
Hynix Semiconductor
HY5V22GF HYNIX-HY5V22GF Datasheet
358Kb / 11P
4 Banks x 1M x 32Bit Synchronous DRAM
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
4 Banks x 1M x 16Bit Synchronous DRAM
More results




About IBM


International Business Machines Corporation (IBM) is an American multinational technology company headquartered in Armonk, New York.

IBM was founded in 1911 and has since become one of the largest and most influential technology companies in the world.

IBM provides a wide range of products and services, including cloud computing, artificial intelligence, security, and IT consulting, among others.

The company also has a strong reputation for innovation and is well-known for its contributions to the development of computing technology, including the IBM PC, the IBM mainframe, and Watson, the company's AI platform.

IBM operates globally, serving clients in many different industries, and has a long history of providing cutting-edge technology solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com