Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PGS90 Datasheet (PDF) - TUK Ltd

PGS90 Datasheet PDF - TUK Ltd
Part # PGS90
Download  PGS90 Download
File Size   1420.7 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Category 6A 5 Direction Field Termination Plug

PGS90 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGS90 Datasheet PDF - TUK Ltd

Part # PGS90
Download  PGS90 Click to download

File Size   1420.7 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Category 6A 5 Direction Field Termination Plug

PGS90 Datasheet (HTML) - TUK Ltd


PGS90 Product details

Features
 Flexible cable entry design offering assembly in any one of five directions
 High quality connectors ensure system reliability and easy assembly
 High performance data throughput, meets Category 6A data transfer rates
 Suitable for assembly of angled patchleads
 Easy assembly – suitable for field termination, especially Modular Plug Terminated Link installations
 Colour coded to enable T568A & T568B wiring
 Insertion force : 30N max
 Retention strength : 7.7kg between jack and plug
 Operating temperature: -10º C to 60º C
 Suitable for cable O.D. 6.0 – 7.5mm
 Suitable for 23 – 26 AWG / 0.40 – 0.57 mm stranded of solid core (minimum 20 installation cycles)
 Mating cycles: 750 minimum




Similar Part No. - PGS90

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PGS GREYSTONE-PGS Datasheet
136Kb / 1P
GAGE PRESSURE TRANSMITTER
07/19
logo
Yamaichi Electronics Co...
PGS010-2000-0 YAMAICHI-PGS010-2000-0 Datasheet
88Kb / 1P
MMCmicro Card Reader - Push/Push (Top Mount)
logo
nVent Electric plc
PGS2K NVENT-PGS2K Datasheet
208Kb / 2P
Electrical Accessories Grounding
PGS4K NVENT-PGS4K Datasheet
208Kb / 2P
Electrical Accessories Grounding
PGS6K NVENT-PGS6K Datasheet
208Kb / 2P
Electrical Accessories Grounding
More results


Similar Description - PGS90

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HJU6ABK HUBBELL-HJU6ABK Datasheet
362Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6ABK24 HUBBELL-HJU6ABK24 Datasheet
360Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6ABN HUBBELL-HJU6ABN Datasheet
364Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGL24 HUBBELL-HJU6AGL24 Datasheet
364Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGY HUBBELL-HJU6AGY Datasheet
361Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGY24 HUBBELL-HJU6AGY24 Datasheet
357Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AP24 HUBBELL-HJU6AP24 Datasheet
359Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6APK24 HUBBELL-HJU6APK24 Datasheet
360Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AR HUBBELL-HJU6AR Datasheet
366Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com