Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet (PDF) - ON Semiconductor

BAV99 Datasheet PDF - ON Semiconductor
Part # BAV99
Download  BAV99 Download
File Size   303.89 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 mA 70 V High Conductance Ultra-Fast Switching Diode

BAV99 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99 Datasheet PDF - ON Semiconductor

Part # BAV99
Download  BAV99 Click to download

File Size   303.89 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 mA 70 V High Conductance Ultra-Fast Switching Diode

BAV99 Datasheet (HTML) - ON Semiconductor


BAV99 Product details

Features
• High Conductance: IF = 200 mA
• Fast Switching Speed: trr < 6 ns Maximum
• Small Plastic SOT-23 Package
• Series-Pair Configuration

Applications
• High-Speed Switching Applications

Description
The BAV99 is a 350 mW high-speed switching diode array with series-pair diode configuration. It achieves high-current conductivity, up to 200 mA, in a very small 7mm2 footprint. These features make the BAV99 optimal for area-constrained applications that need a little extra power capability.
For common cathode and common anode high-speed switching diodes, explore Fairchild's BAV70 and BAW56. Looking for more options in the SOT-23 package? Check Fairchild's MMBD family.




Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results


Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
High Conductance Ultra Fast Diode
BAW56 FAIRCHILD-BAW56 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
BAY74 FAIRCHILD-BAY74 Datasheet
32Kb / 1P
High Conductance Ultra Fast Diode
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
High Conductance Ultra Fast Diode
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
High Conductance Fast Switching Diode
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
BAV99 FAIRCHILD-BAV99_14 Datasheet
122Kb / 6P
200 mA 70 V High Conductance Ultra-Fast Switching Diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com