Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD3184 Datasheet (PDF) - ON Semiconductor

FOD3184 Datasheet PDF - ON Semiconductor
Part # FOD3184
Download  FOD3184 Download
File Size   889.91 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler

FOD3184 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD3184 Datasheet PDF - ON Semiconductor

Part # FOD3184
Download  FOD3184 Click to download

File Size   889.91 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler

FOD3184 Datasheet (HTML) - ON Semiconductor


FOD3184 Product details

Features
■ High noise immunity characterized by 50kV/μs (Typ.) common mode rejection @ VCM = 2,000V
■ Guaranteed operating temperature range of -40°C to +100°C
■ 3A peak output current for medium power MOSFET/IGBT
■ Fast switching speed
– 210ns max. propagation delay
– 65ns max pulse width distortion
■ Fast output rise/fall time
– Offers lower dynamic power dissipation
■ 250kHz maximum switching speed
■ Wide VDD operating range from 15V to 30V
■ Use of P-Channel MOSFETs at output stage enables output voltage swing close to the supply rail (rail-to-rail output)
■ Under voltage lockout protection (UVLO) with hysteresis – optimized for driving IGBTs
■ Safety and regulatory approvals
– UL1577, 5,000 VAC RMS for 1 min.
– DIN EN/IEC 60747-5-2, 1,414 peak working insulation voltage
• Minimum creepage distance of 8.0mm
• Minimum clearance distance of 8mm to 16mm (option TV or TSV)
• Minimum insulation thickness of 0.5mm

Applications
■ Plasma Display Panel
■ High performance DC/DC convertor
■ High performance switch mode power supply
■ High performance uninterruptible power supply
■ Isolated Power MOSFET/IGBT gate drive

Description
The FOD3184 is a 3A Output Current, High Speed MOSFET/IGBT Gate Drive Optocoupler. It consists of a aluminium gallium arsenide (AlGaAs) light emitting diode optically coupled to a CMOS detector with PMOS and NMOS output power transistors integrated circuit power stage. It is ideally suited for high frequency driving of power MOSFETS/IGBT used in Plasma Display Panels (PDPs), motor control inverter applications and high performance DC/DC converters.
The device is packaged in an 8-pin dual in-line housing compatible with 260°C reflow processes for lead free solder compliance.




Similar Part No. - FOD3184

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Rev 1.0.4
logo
Fairchild Semiconductor
FOD3184 FAIRCHILD-FOD3184 Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
FOD3184SD FAIRCHILD-FOD3184SD Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
FOD3184SDV FAIRCHILD-FOD3184SDV Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
More results


Similar Description - FOD3184

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Rev 1.0.4
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com