Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet (PDF) - Estek Electronics Co. Ltd

LM317 Datasheet PDF - Estek Electronics Co. Ltd
Part # LM317
Download  LM317 Download
File Size   152.68 Kbytes
Page   3 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 3 - terminal positive -voltage regulators

LM317 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317 Datasheet PDF - Estek Electronics Co. Ltd

Part # LM317
Download  LM317 Click to download

File Size   152.68 Kbytes
Page   3 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 3 - terminal positive -voltage regulators

LM317 Datasheet (HTML) - Estek Electronics Co. Ltd


LM317 Product details

Description
The 3 17 are adjustable 3 - terminal positive -voltage regulators capable of supplying 1.5A over a differential voltage range of 3V to 40V. They are exceptionally easy to use and require only two external resistors to set the output voltage. Both input and output regulation are better than standard fixed regulators.In addition to higher performance than fixed regulators, these regulators offer full overload protection available only in integrated circuits. Included on the chip are current limit, thermal overload protection, and safe-area protection. All overload protection circuitry remains fully functional even if the adjustment terminal is disconnected. Normally, no capacitors are needed unless the device is situated far from the input filter capacitors in which case an input bypass is needed. An optional output capacitor can be added to improve transient response.

Features
• Output Voltage Range Adjustable from1.2 Vto 37 V
• Output Current Capability of 1.5 AMax
• Input Regulation Typically 0.01 % Per Input - VoltChange
• Output Regulation Typically 0.1 %
• Peak Output Current Constant Over Temperature Range of Regulator
• Popular 3-Lead TO-220 Package
• Ripple Rejection Typically 80 dB




Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
More results


Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
3-Terminal Positive Voltage Regulators
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com