Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

585 Datasheet (PDF) - Dialight Corporation

585 Datasheet PDF - Dialight Corporation
Part # 585
Download  585 Download
File Size   99.16 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description CLUSTER BASED LED T3 1/4 Miniature Bayonet (BA9s)

585 Datasheet (PDF)

Go To PDF Page Download Datasheet
585 Datasheet PDF - Dialight Corporation

Part # 585
Download  585 Click to download

File Size   99.16 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description CLUSTER BASED LED T3 1/4 Miniature Bayonet (BA9s)

585 Datasheet (HTML) - Dialight Corporation


585 Product details

FEATURES / BENEFITS
 High brightness with low current draw - uses up to 90% less energy than an incandescent
 Long life - up to 100K hours
 True non-polarized configurations available
 No heat generated
 Mounts directly into industry standard socket
 Resistant to shock and vibration
 Super bright LED cluster design
 Available in 6, 14, and 28 VDC, 120 VAC




Similar Part No. - 585

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
IGNITION CONTROL
logo
Littelfuse
585 LITTELFUSE-585 Datasheet
174Kb / 1P
Cap for Fuse Holders for 5x20mm Fuses
11/14/22
logo
Adafruit Industries
585 ADAFRUIT-585 Datasheet
116Kb / 2P
EL wire starter pack - Yellow 2.5 meter (8.2 ft)
7/24/2015
logo
Dialight Corporation
585-1111 DIALIGHT-585-1111 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
585-1121 DIALIGHT-585-1121 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
More results


Similar Description - 585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
Chicago Miniature Lamp,...
18602 CML-18602 Datasheet
49Kb / 1P
T 31/4 Bayonet Based LED
CM49 CML-CM49 Datasheet
218Kb / 1P
T-3 1/4 Miniature Bayonet Base
logo
Dialight Corporation
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
586 Series BASED LED T3 1/4 WEDGE (T10)
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Visual Communications C...
VC18602250 VCC-VC18602250 Datasheet
338Kb / 1P
Bayonet Based LED
VC18620350 VCC-VC18620350 Datasheet
284Kb / 1P
Bayonet Based Multi LED
logo
List of Unclassifed Man...
WL-18606132 ETC2-WL-18606132 Datasheet
505Kb / 1P
T3 MINIATURE BAYONET BASE LED LAMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com