Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW4017B Datasheet (PDF) - Estek Electronics Co. Ltd

IW4017B Datasheet PDF - Estek Electronics Co. Ltd
Part # IW4017B
Download  IW4017B Download
File Size   222.18 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 5-stageJohnson counter having 10 decode outputs

IW4017B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4017B Datasheet PDF - Estek Electronics Co. Ltd

Part # IW4017B
Download  IW4017B Click to download

File Size   222.18 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 5-stageJohnson counter having 10 decode outputs

IW4017B Datasheet (HTML) - Estek Electronics Co. Ltd


IW4017B Product details

Description

The IW4017B is 5 –stageJohnson counter having 10 decode outputs. Inputs include a CLOCK, a RESET, and a CLOCK INHIBIT signal. Schmitt trigger action in the CLOCK input circuit provides pulse shaping that allows unlimited clock input pulse rise and fall times.

The counter is advanced one count at the positive clock signal transition if the CLOCK INHIBITsignal is low. Counter advancement via the clock line isinhibited when the CLOCK INHIBIT signal is high. A high RESET signal clears the counter to its zero count. Use of the Johnson counter configuration permits high speed operation, 2-input decode-gating and spike-free decoded outputs. Anti-lock gating is provided, thus assuring proper counting sequence. The decoded Outputs are normally low and go high only at their respective decoded time slot. Each decoded output remains high for one full clock cycle. A CARRYOUT Signal completes one cycle every 10 clock input cycles.



Features

• Operating Voltage Range: 3.0 to 18 V

• Maximum input current of 1 at 18 V over full package- temperature range;100 nA at 18 V and 25 C 

• Noise margin (over full package temperature range):

   1.0 V min @ 5.0 V supply

   2.0 V min @ 10.0 V supply

   2.5 V min @ 15.0 V supply



 




Similar Part No. - IW4017B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
Operating Voltage Range
More results


Similar Description - IW4017B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
Johnson decade counter with 10 decoded outputs
December 1990
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
Johnson decade counter with 10 decoded outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com