Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM-60 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

PWM-60 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # PWM-60
Download  PWM-60 Download
File Size   689.52 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 60W PWM Output LED Driver

PWM-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PWM-60 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # PWM-60
Download  PWM-60 Click to download

File Size   689.52 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 60W PWM Output LED Driver

PWM-60 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


PWM-60 Product details

Hl Features

- Constant Voltage PWM style output
with frequency 1.47kHz

+ Plastic housing with class Il design

+ Built-in active PFC function

+ Class 2 power unit

+ No load power consumption <0.5W

+ Fully encapsulated with IP67 level

+ Function: 3 in 1 dimming(dim-to-off); DALI

+ Typical lifetime>50000 hours

- 5 years warranty

Hl Applications

« LED strip lighting

« Indoor LED lighting

+ LED decorative lighting

« LED architecture lighting

+ Type “HL” for use in Class I, Division 2
hazardous (Classified) location.




Similar Part No. - PWM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
60W PWM output LED power supply
PWM-60 MEANWELL-PWM-60 Datasheet
696Kb / 8P
60W PWM Output LED Driver
2021-04-01
PWM-60-12 MEANWELL-PWM-60-12 Datasheet
155Kb / 6P
60W PWM output LED power supply
PWM-60-12 MEANWELL-PWM-60-12 Datasheet
696Kb / 8P
60W PWM Output LED Driver
2021-04-01
PWM-60-12BLE MEANWELL-PWM-60-12BLE Datasheet
958Kb / 8P
60W Wireless Lighting Constant Voltage LED Driver Solution
More results


Similar Description - PWM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
60W PWM output LED power supply
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
45W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
65W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
45W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
25W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
25W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
45W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
65W PWM Output LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
60W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN_V01 Datasheet
728Kb / 7P
60W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com