Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM-90 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

PWM-90 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # PWM-90
Download  PWM-90 Download
File Size   550.15 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 90W PWM output LED power supply

PWM-90 Datasheet (PDF)

Go To PDF Page Download Datasheet
PWM-90 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # PWM-90
Download  PWM-90 Click to download

File Size   550.15 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 90W PWM output LED power supply

PWM-90 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


PWM-90 Product details

HB Features

+ Universal AC input / Full range (up to 305VAC)

* Built-in active PFC function

+ Constant voltage PWM style output

* Build in 3 in 1 dimming function

(0~10Vdc or PWM signal or resistance)

+ Dimming range : 0~100%

+ High efficiency up to 90.5%

+ Protections: Short circuit / Over load / Over voltage
/ Over temperature

+ Class 1 power unit, no FG

+ Class 2 power unit(Except for PWM-90-12)

+ Suitable for dry / damp / wet locations

* No load power consumption<0.5W

* 5 years warranty


HW Applications

+ LED strip lighting

+ Indoor LED lighting

* LED decorative lighting

+ LED architecture lighting

Il Description

PWM-90 is one 90W waterproof constant-voltage output LED power supply series. Differentiating from
general DC output power supplies, PWM-90 transmits PWM style output, adapting to directly driving all
Kinds of LED strips that the color temperature can be maintained and the brightness homogeneity can
be assured. Adopting a universal input range between 90VAC and 305VAC and incorporating the built-in
PFC function, this series is also designed with a 3 in 1 dimming function (0~10Vdc or PWM signal or
resistance) that simplifies the brightness adjustment for system designers so as to achieve light
reduction and energy conservation.

Providing a high efficiency up to 90.5% and a low no load power consumption below 0.5W, PWM-90 can
satisfy the energy saving demand for the new generation LED lighting. The class I design (without FG pin)
and the double insulation weather-resistant cable (SJTW) on the input side make it convenient for users.
to flexibly install on various types of lighting systems. The enclosure design is a 94V-0 flame retardant
plastic case. The interior is fully potted with silicone that enhances the heat dissipation and allows PWM-90
fo meet the ani-vibration demand up to 5G; t also thus conforms to IP67 level, enabling PWM-90 to be used
ina highly dusly and highly humid harsh environment. The entire series can operate under the temperature
between -40-+70°C and comply with the relevant global lighting safety certification.




Similar Part No. - PWM-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
90W PWM output LED power supply
PWM-90 MEANWELL-PWM-90 Datasheet
683Kb / 8P
90W PWM Output LED Driver
2021-04-01
PWM-90-12 MEANWELL-PWM-90-12 Datasheet
110Kb / 6P
90W PWM output LED power supply
PWM-90-12 MEANWELL-PWM-90-12 Datasheet
683Kb / 8P
90W PWM Output LED Driver
2021-04-01
PWM-90-12DA2 MEANWELL-PWM-90-12DA2 Datasheet
683Kb / 8P
90W PWM Output LED Driver
2021-04-01
More results


Similar Description - PWM-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
90W Single Output LED Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
90W Single Output Switching Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
90W PWM output LED power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com