Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33150308 Datasheet (PDF) - Aptiv

33150308 Datasheet PDF - Aptiv
Part # 33150308
Download  33150308 Download
File Size   977.13 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description GTS SensoMate™ SERIES

33150308 Datasheet (PDF)

Go To PDF Page Download Datasheet
33150308 Datasheet PDF - Aptiv

Part # 33150308
Download  33150308 Click to download

File Size   977.13 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description GTS SensoMate™ SERIES

33150308 Datasheet (HTML) - Aptiv


33150308 Product details

BENEFITS
• Footprint interface compatible with Mini-Sealed
Series released by all major OEMs
• Engine and body harsh environment applied to
EURO 7 regulations
• Compatible with back shell cover for a convenient
guiding of cable bundle
FEATURES
• Withstanding high vibration up to 42 G sine
• High temperature 150°C (T4), enduring
additionally 175°C during 240 hours
• Rear latch for easiness to unmate connector
from device
• Connector Position Assurance
• Inertial effect while mating the connector to the
device which guarantees an easy mating




Similar Part No. - 33150308

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
33150C MURATA-33150C Datasheet
130Kb / 3P
Vertical Mount Toroidal Inductors
logo
Murata Power Solutions ...
33150C MURATA-PS-33150C Datasheet
137Kb / 3P
Vertical Mount Toroidal Inductors
More results


Similar Description - 33150308

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PF-GT3-63 BOURNS-PF-GT3-63 Datasheet
914Kb / 4P
POWrFuse™ PF-G Series
2022
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
Fluke Corporation
CABLEVERIFIERSERIES FLUKE-CABLEVERIFIERSERIES Datasheet
889Kb / 10P
MicroScanner™ Cable Verifier Series
June 23, 2020
logo
Emerson Network Power
SDN10-24-100P EMERSON-NETWORKPOWER-SDN10-24-100P Datasheet
429Kb / 5P
SDN-P™ DIN Rail Series
logo
Skyworks Solutions Inc.
SI560 SKYWORKS-SI560 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023
SI561 SKYWORKS-SI561 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023
SI562 SKYWORKS-SI562 Datasheet
1Mb / 23P
Ultra Series™ Crystal Oscillator
Revision 206620A May, 2023
SI564 SKYWORKS-SI564 Datasheet
1Mb / 38P
Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023
SI566 SKYWORKS-SI566 Datasheet
1Mb / 23P
Ultra Series™ Crystal Oscillator (VCXO)
Revision 206623A May, 2023
logo
Realtek Semiconductor C...
H05U09S REALTEK-H05U09S Datasheet
52Kb / 1P
Realtek GTS PCI Ethernet Card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com