Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33253266 Datasheet (PDF) - Aptiv

33253266 Datasheet PDF - Aptiv
Part # 33253266
Download  33253266 Download
File Size   1094.17 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description CTCS XP SERIES

33253266 Datasheet (PDF)

Go To PDF Page Download Datasheet
33253266 Datasheet PDF - Aptiv

Part # 33253266
Download  33253266 Click to download

File Size   1094.17 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description CTCS XP SERIES

33253266 Datasheet (HTML) - Aptiv


33253266 Product details

BENEFITS
• Versatile connection system
• Unparalleled reliability and performance
• Designed for the transportation market
FEATURES
• Optional back shells in 180˚ and 90˚ angles
with additional ribbing for improved vibration
performance
• 0-gap design of back shells provides superior
protection against dust and debris ingress
• Locking features on slides prevent accidental
release of connectors prior to full mating




Similar Part No. - 33253266

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3325 3M-3325 Datasheet
29Kb / 2P
1.5 Mil Copper Foil Tape
logo
List of Unclassifed Man...
3325 ETC-3325 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3325 HEYCO-3325 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3325-SMA KR-3325-SMA Datasheet
95Kb / 3P
KR Electronics part number 3325-SMA is a 656.25 MHz band-pass filter
logo
Aptiv
33250071 APTIV-33250071 Datasheet
185Kb / 2P
OCS 1.2 UNSEALED SERIES
More results


Similar Description - 33253266

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
logo
Marktech Corporate
XP-G-WHITE MARKTECH-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Comchip Technology
XP-G-WHITE COMCHIP-XP-G-WHITE_15 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Marktech Corporate
MTG7-001I-XPG00-CW-0H53 MARKTECH-MTG7-001I-XPG00-CW-0H53 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-NW-0EE5 MARKTECH-MTG7-001I-XPG00-NW-0EE5 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-WW-0CE7 MARKTECH-MTG7-001I-XPG00-WW-0CE7 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Zilog, Inc.
Z51F3221 ZILOG-Z51F3221 Datasheet
1Mb / 55P
Microsoft Windows XP
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com