Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2513 Datasheet (PDF) - Texas Instruments

TPS2513 Datasheet PDF - Texas Instruments
Part # TPS2513
Download  TPS2513 Download
File Size   1386.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS251xx USB Dedicated Charging Port Controller

TPS2513 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2513 Datasheet PDF - Texas Instruments

Part # TPS2513
Download  TPS2513 Click to download

File Size   1386.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS251xx USB Dedicated Charging Port Controller

TPS2513 Datasheet (HTML) - Texas Instruments


TPS2513 Product details

1 Features
1• Supports USB DCP shorting D+ line to
D– line per USB battery charging specification,
revision 1.2 (BC1.2)
• Supports shorted mode (shorting D+ line to D–
line) per Chinese Telecommunication Industry
Standard YD/T 1591-2009
• Supports USB DCP applying 2.7 V on D+ Line
and 2 V on D- line (or USB DCP applying
2 V on D+ line and 2.7 V on D– line) (TPS2513,
TPS2514)
• Supports USB DCP applying 2.7 V on D+ line and
2.7 V on D- line (TPS2513A, TPS2514A)
• Supports USB DCP applying 1.2 V on
D+ and D– Lines
• Automatically Switch D+ and D– Lines
Connections for an Attached Device
• Dual USB Port Controller
(TPS2513, TPS2513A)
• Single USB port controller
(TPS2514, TPS2514A)
• Operating range: 4.5 V to 5.5 V
• Available in SOT23-6 package

2 Applications
• Vehicle USB power chargers
• AC-DC adapters with USB ports
• Other USB chargers

3 Description
The TPS251xx devices are USB dedicated charging
port (DCP) controllers. An auto-detect feature
monitors USB data line voltage, and automatically
provides the correct electrical signatures on the data
lines to charge compliant devices among the
following dedicated charging schemes:
1. Divider 1 DCP, required to apply 2 V and 2.7 V
on the D+ and D– Lines respectively (TPS2513,
TPS2514)
2. Divider 2 DCP, required to apply 2.7 V and 2 V
on the D+ and D– Lines respectively (TPS2513,
TPS2514)
3. Divider 3 DCP, required to apply 2.7 V and 2.7 V
on the D+ and D– Lines respectively (TPS2513A,
TPS2514A)
4. BC1.2 DCP, required to short the D+ Line to the
D– Line
5. Chinese Telecom Standard YD/T 1591-2009
Shorted Mode, required to short the D+ Line to
the D– Line
6. 1.2 V on both D+ and D– Lines




Similar Part No. - TPS2513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513 DIODES-TPS2513 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Texas Instruments
TPS2513A TI1-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
More results


Similar Description - TPS2513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
USB Dedicated Charging Port Controller
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
USB Dedicated Charging Port Controller
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com