Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2547 Datasheet (PDF) - Texas Instruments

TPS2547 Datasheet PDF - Texas Instruments
Part # TPS2547
Download  TPS2547 Download
File Size   1803.95 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2547 USB Charging Port Controller and 3-Amp Power Switch With Load Detection

TPS2547 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2547 Datasheet PDF - Texas Instruments

Part # TPS2547
Download  TPS2547 Click to download

File Size   1803.95 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2547 USB Charging Port Controller and 3-Amp Power Switch With Load Detection

TPS2547 Datasheet (HTML) - Texas Instruments


TPS2547 Product details

1 Features
1• D+/D– CDP/DCP Modes per USB BC 1.2
• D+/D– Shorted Mode per Chinese
Telecommunication Industry Standard YD/T
1591-2009
• Supports Non-BC1.2 Charging Modes by
Automatic Selection:
– D+/D– Divider Modes 2 V/2.7 V and 2.7 V/2 V
– D+/D– 1.2-V Mode
• Supports Sleep-Mode Charging and
Mouse/Keyboard Wakeup
• Load Detection for Power Supply Control in S4/S5
Charging and Port Power Management in All
Charge Modes
• USB 2.0 and 3.0 Compatible
• Integrated 73-mΩ (Typical) High-Side MOSFET
• 3-A Programmable ILIMIT Supports 15 Watt Loads
• Operating Range: 4.5 V to 5.5 V
• 2 μA/270 μA IQ When Disabled/Enabled
• Drop-In, BOM Compatible with TPS2543/46
• 16-Pin WQFN (3.00 mm × 3.00 mm) Package
• 8-kV ESD Rating on DM/DP Pins
• UL Recognized File No. E169910 and CB
Certified - Pending

2 Applications
• USB Ports (Host and Hubs)
• Notebook and Desktop PCs
• Universal Wall-Charging Adapters

3 Description
The TPS2547 is a USB charging port controller and
power switch with an integrated USB 2.0 high-speed
data line (D+/D–) switch. TPS2547 provides the
electrical signatures on D+/D– to support charging
schemes listed in Feature Description section. TI
tests charging of popular mobile phones, tablets, and
media devices with the TPS2547 to ensure
compatibility with both BC1.2 compliant, and non-
BC1.2 compliant devices.
In addition to charging popular devices, the TPS2547
also supports two distinct power management
features, namely, power wake and port power
management (PPM) through the STATUS pin. Power
wake allows for power supply control in S4/S5
charging and PPM supports intelligent port power
management in multiport systems. Additionally,
system wake up (from S3) with a mouse/keyboard
(both low speed and full speed) is fully supported in
the TPS2547.
The TPS2547 73-mΩ power-distribution switch is
intended for applications where heavy capacitive
loads and short-circuits are likely to be encountered.
Two programmable current thresholds provide
flexibility for setting current limits and load detect
thresholds.




Similar Part No. - TPS2547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2547 TI1-TPS2547 Datasheet
1Mb / 42P
USB Charging Port Controller and 3-Amp Power Switch With Load Detection
TPS2547RTER TI1-TPS2547RTER Datasheet
1Mb / 42P
USB Charging Port Controller and 3-Amp Power Switch With Load Detection
TPS2547RTET TI1-TPS2547RTET Datasheet
1Mb / 42P
USB Charging Port Controller and 3-Amp Power Switch With Load Detection
More results


Similar Description - TPS2547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
TPS2547 TI1-TPS2547 Datasheet
1Mb / 42P
USB Charging Port Controller and 3-Amp Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com