Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2556 Datasheet (PDF) - Texas Instruments

TPS2556 Datasheet PDF - Texas Instruments
Part # TPS2556
Download  TPS2556 Download
File Size   1330.83 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255x Precision Adjustable Current-Limited Power-Distribution Switches

TPS2556 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2556 Datasheet PDF - Texas Instruments

Part # TPS2556
Download  TPS2556 Click to download

File Size   1330.83 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255x Precision Adjustable Current-Limited Power-Distribution Switches

TPS2556 Datasheet (HTML) - Texas Instruments


TPS2556 Product details

1 Features
1• Meets USB Current-Limiting Requirements
• Adjustable Current Limit, 500 mA to 5 A (Typical)
• ±6.5% Current-Limit Accuracy at 4.5 A
• Fast Overcurrent Response: 3.5-μs (Typical)
• 22-mΩ High-Side MOSFET
• Operating Voltage: 2.5 V to 6.5 V
• 2-μA Maximum Standby Supply Current
• Built-in Soft Start
• 15-kV and 8-kV System-Level ESD Capable
• UL Listed: File No. E169910 and CB IEC60950-1-
am2 ed2.0

2 Applications
• USB Ports and Hubs
• Digital TVs
• Set-Top Boxes
• VOIP Phones

3 Description
The TPS255x power-distribution switch is intended
for applications where precision current limiting is
required or heavy capacitive loads and short circuits
are encountered. These devices offer a
programmable current-limit threshold between
500 mA and 5 A (typical) through an external resistor.
The power-switch rise and fall times are controlled to
minimize current surges during turnon and turnoff.
TPS255x devices limit the output current to a safe
level by switching into a constant-current mode when
the output load exceeds the current-limit threshold.
The FAULT logic output asserts low during
overcurrent and overtemperature conditions.




Similar Part No. - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2556 TI1-TPS2556 Datasheet
1Mb / 28P
Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556/7 TI2-TPS2556/7 Datasheet
4Mb / 31P
TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
REVISED NOVEMBER 2020
TPS2556DRBR TI1-TPS2556DRBR Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com