Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2595 Datasheet (PDF) - Texas Instruments

TPS2595 Datasheet PDF - Texas Instruments
Part # TPS2595
Download  TPS2595 Download
File Size   5260.28 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2595xx 2.7 V to 18 V, 4-A, 34-mΩ eFuse With Fast Overvoltage Protection

TPS2595 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2595 Datasheet PDF - Texas Instruments

Part # TPS2595
Download  TPS2595 Click to download

File Size   5260.28 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2595xx 2.7 V to 18 V, 4-A, 34-mΩ eFuse With Fast Overvoltage Protection

TPS2595 Datasheet (HTML) - Texas Instruments


TPS2595 Product details

1 Features
1• Wide Input Voltage Range: 2.7 V to 18 V
– 20 V Absolute Maximum
– 3 V to 18 V for TPS2595x5 Version
• Low On-Resistance: RON = 34 mΩ (Typical)
• Fast Overvoltage Protection Clamp (3.8-V, 5.7-V,
and 13.7-V options) With a Response Time of 5
μs (Typical)
• TPS2595x0, TPS2595x1, TPS2595x5: Active High
Enable Input With Adjustable Undervoltage
Lockout (UVLO)
• TPS2595x3: Active Low Enable Input With
Adjustable Overvoltage Lockout (OVLO)
• Adjustable Current Limit With Load Current
Monitor Output (ILM)
– Current Range: 0.5 A to 4 A
– Current Limit Accuracy: ±7.5%
• Adjustable Output Slew Rate Control (dVdt)
• Over Temperature Protection (OTP)
• Fault Indication Pin (FLT )
• UL 2367 Recognition – File No. E169910
– RILM >= 487 Ω (4.42 A maximum)
• IEC 62368-1 Certified
• Safe During Single Point Failure Test (IEC 62368-
1)
– ILM Pin Open/Short Detection

2 Applications
• Hot-Swap, Hot-Plug
• Adapter Powered Systems
• Multi-function Printers
• SSDs and HDDs
• Industrial Systems
• White Goods
• Set-Top Box
• Digital TV

3 Description
The TPS2595xx family of eFuses (integrated FET hot
swap devices) is a highly integrated circuit protection
and power management solution in a small package.
The devices provide multiple protection modes using
very few external components and are a robust
defense against overloads, short circuits, voltage
surges, and excessive inrush current.
Output current limit level can be set with a single
external resistor. It is also possible to get an accurate
sense of the output load current by measuring the
voltage drop across the current limit resistor.
Applications with particular inrush current
requirements can set the output slew rate with a
single external capacitor. Overvoltage events are
quickly limited by internal clamping circuits to a safe
fixed maximum, with no external components
required. The TPS259573 variant provides an option
to set a user-defined overvoltage cutoff threshold.
Quick output discharge function can be implemented
in the TPS2595x5 variants by connecting the OUT
pin to the QOD pin.
The devices are characterized for operation over the
temperature range of –40°C to +125°C.




Similar Part No. - TPS2595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2595 TI1-TPS2595 Datasheet
945Kb / 7P
TPS2595x, 2.7V-18V, 4-A, 34-m(ohm) eFuse With Overvoltage Protection
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS259520 TI1-TPS259520 Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS259520DSGR TI1-TPS259520DSGR Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS259520DSGT TI1-TPS259520DSGT Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
More results


Similar Description - TPS2595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS2595X TI1-TPS2595X Datasheet
945Kb / 7P
TPS2595x, 2.7V-18V, 4-A, 34-m(ohm) eFuse With Overvoltage Protection
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2596 TI1-TPS2596_V01 Datasheet
3Mb / 39P
TPS2596 2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS25940-Q1 TI-TPS25940-Q1_V01 Datasheet
3Mb / 50P
TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com