Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2640 Datasheet (PDF) - Texas Instruments

TPS2640 Datasheet PDF - Texas Instruments
Part # TPS2640
Download  TPS2640 Download
File Size   5017.12 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2640 42-V, 2-A eFuse with Integrated Reverse Input Polarity Protection

TPS2640 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2640 Datasheet PDF - Texas Instruments

Part # TPS2640
Download  TPS2640 Click to download

File Size   5017.12 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2640 42-V, 2-A eFuse with Integrated Reverse Input Polarity Protection

TPS2640 Datasheet (HTML) - Texas Instruments


TPS2640 Product details

1 Features
• 4.2-V to 42-V operating voltage, 45-V absolute
maximum
• Integrated reverse input polarity protection down to
–42 V
– Zero additional components required
• Integrated back to back MOSFETs with 150-mΩ
total RON
• 0.1-A to 2.23-A adjustable current limit (±5%
accuracy at 1 A)
• Load protection during surge (IEC 61000-4-5) with
suitable TVS
• IMON current indicator output (±8.5% accuracy)
• Low quiescent current, 300-μA in operating, 20-μA
in shutdown
• Adjustable UVLO, OVP cut off, output slew rate
control
• Reverse current blocking
• Available in easy-to-use 16-pin HTSSOP and 24-
pin VQFN packages
• Selectable current-limiting fault response options
(auto-retry, latch off, circuit breaker modes)

2 Applications
• HMI power protection in factory automation
• Fire safety systems
• Electronic thermostats and video doorbells
• Industrial PCs
• Elevators

3 Description
The TPS26400 devices are compact, feature rich
high voltage eFuses with a full suite of protection
features. The wide supply input range of 4.2 to 42
V allows control of many popular DC bus voltages.
The device can withstand and protect the loads from
positive and negative supply voltages up to ±42
V. Integrated back to back FETs provide reverse
current blocking feature making the device suitable
for systems with output voltage holdup requirements
during power fail and brownout conditions. Load,
source and device protection are provided with many
adjustable features including overcurrent, output slew
rate and overvoltage, undervoltage thresholds. The
internal robust protection control blocks along with the
high voltage rating of the TPS26400 helps to simplify
the system designs for Surge protection.
A shutdown pin provides external control for enabling
and disabling the internal FETs as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and precise current monitor
output. The MODE pin allows flexibility to configure
the device between the three current-limiting fault
responses (circuit breaker, latch off, and Auto-retry
modes).
The device is available in a 5-mm × 4.4-mm 16-pin
HTSSOP as well as 5-mm x 4-mm 24-pin VQFN
package and are specified over a –40°C to +125°C
temperature range




Similar Part No. - TPS2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS26400 TI-TPS26400 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS26400PWPR TI-TPS26400PWPR Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS26400RHFR TI-TPS26400RHFR Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
More results


Similar Description - TPS2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com