Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS26610DDFR Datasheet (PDF) - Texas Instruments

TPS26610DDFR Datasheet PDF - Texas Instruments
Part # TPS26610DDFR
Download  TPS26610DDFR Download
File Size   3091.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2661x: 50-V, Universal 4–20 mA, ±20-mA Current Loop Protector With Input and Output Miswiring Protection

TPS26610DDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS26610DDFR Datasheet PDF - Texas Instruments

Part # TPS26610DDFR
Download  TPS26610DDFR Click to download

File Size   3091.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2661x: 50-V, Universal 4–20 mA, ±20-mA Current Loop Protector With Input and Output Miswiring Protection

TPS26610DDFR Datasheet (HTML) - Texas Instruments


TPS26610DDFR Product details

1 Features
• ±50-V operating voltage, ±55-V absolute maximum
• Integrated fixed bipolar 32-mA current limit
• Allows 2x current limit at start-up
• 50% space savings compared to a typical discrete
protection circuit
• Low R-on: 7.5-Ω typical
• Low IQ (< 100 nA) – current drawn from loop when
powered from external supply
• Protection against miswiring conditions on IN and
OUT
• Protection during signal line surge IEC61000-4-5
(with external TVS)
• Criteria-A EFT (IEC61000-4-4) immunity (with
external TVS)
• Supports loop testing without supply (TPS26610
only)
• HART compliant
• Enable control
• SGOOD for system health monitoring
• Thermal shutdown

2 Applications
• Factory automation and control – PLCs - analog
input and output module
• Motor drives control
• HART inputs
• HVAC controllers
• UART IO protection
• Thermal controller

3 Description
The TPS2661x is a compact, feature-rich, fully
integrated current loop protector suitable for analog
inputs, analog outputs, sensor transmitters, HART
inputs, and UART IO protection. The device provides
universal input protection for ±20 mA, 0 mA to 20 mA,
and 4 mA–20 mA. Low RON values of 7.5 Ω minimizes
drop in the current loop, thereby extending operating
range and supporting operation even with lower
voltage power supplies. The device can withstand and
protect the loads from positive and negative supply
voltages up to ±50 V. The MODE pin allows flexibility
to enable 2x current limit through the device to enable
proper start-up of two wire transmitters. Device is
capable of operating from an external bipolar supply
as low as ± 2.25 V to ±20 V. The device can also
be powered from unipolar supplies as low as 3 V
to 30 V. The TPS26610 and TPS26613 feature loop
power mode to facilitate loop testing in un-powered
state without ±Vs supplies.
The device also protects the system from output side
miswiring in analog outputs and sensor transmitters
by turning off the current path. The internal robust
protection control blocks along with the 50-V rating
of the TPS2661x help to protect against surge
(IEC61000-4-5) and EFT (IEC61000-4-4) transients
for signal lines. The device greatly reduces system
footprint by its 2.9-mm × 1.6-mm 8-pin SOT-23
package.




Similar Part No. - TPS26610DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26610DDFR TI-TPS26610DDFR Datasheet
1Mb / 33P
TPS2661x: 50 V, Universal 4-20 mA, 짹20-mA Current Loop Protector with Input/Output Miswiring Protection
TPS26610DDFR TI-TPS26610DDFR Datasheet
3Mb / 45P
TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
DECEMBER 2021
More results


Similar Description - TPS26610DDFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
TPS2661 TI-TPS2661 Datasheet
1Mb / 33P
TPS2661x: 50 V, Universal 4-20 mA, 짹20-mA Current Loop Protector with Input/Output Miswiring Protection
TPS2661 TI-TPS2661_V01 Datasheet
3Mb / 45P
TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com