Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3430WDRCRG4 Datasheet (PDF) - Texas Instruments

TPS3430WDRCRG4 Datasheet PDF - Texas Instruments
Part # TPS3430WDRCRG4
Download  TPS3430WDRCRG4 Download
File Size   1893.32 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3430 Window Watchdog Timer with Programmable Reset Delay

TPS3430WDRCRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3430WDRCRG4 Datasheet PDF - Texas Instruments

Part # TPS3430WDRCRG4
Download  TPS3430WDRCRG4 Click to download

File Size   1893.32 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3430 Window Watchdog Timer with Programmable Reset Delay

TPS3430WDRCRG4 Datasheet (HTML) - Texas Instruments


TPS3430WDRCRG4 Product details

1 Features
• Factory-programmed precision watchdog timers:
– ±2.5% Accurate watchdog timeout and
watchdog reset delays typical at 25°C
• Watchdog disable feature
• User-programmable watchdog timeout
• User-programmable watchdog reset delay
• Input voltage range: VDD = 1.6 V to 6.5 V
• Low supply current: IDD = 10 μA (typical)
• Open-drain output
• Small 3-mm × 3-mm, 10-Pin VSON package
• Junction operating temperature range:
–40°C to +125°C

2 Applications
• Smart display
• Battery pack: e-bike/e-scooter/light electric vehicle
(LEV)
• Circuit breaker (ACB, MCCB, VCB)
• eBike / pedelec
• AC charging (pile) station
• Multifunction relay
• Vision computer

3 Description
The TPS3430 is a standalone window watchdog
timer with programmable watchdog window and
programmable watchdog reset delay for a wide variety
of applications. The TPS3430 window watchdog
achieves 2.5% timing accuracy (typical at 25°C) and
the watchdog output ( WDO) reset delay can be
set by factory-programmed default delay settings, or
programmed by an external capacitor. The watchdog
can be disabled via the SET pins to avoid undesired
watchdog timeouts during the development process or
during power on.
The TPS3430 is available in a small 3.00-mm ×
3.00-mm, 10-pin VSON package.




Similar Part No. - TPS3430WDRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
More results


Similar Description - TPS3430WDRCRG4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
Digital Window Watchdog Timer
logo
ATMEL Corporation
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
Digital Window Watchdog Timer
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
Programmable watchdog timer with a 30 ms activation delay
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com