Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3702 Datasheet (PDF) - Texas Instruments

TPS3702 Datasheet PDF - Texas Instruments
Part # TPS3702
Download  TPS3702 Download
File Size   1249.7 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3702 High-Accuracy Over and Undervoltage Monitoring

TPS3702 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3702 Datasheet PDF - Texas Instruments

Part # TPS3702
Download  TPS3702 Click to download

File Size   1249.7 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3702 High-Accuracy Over and Undervoltage Monitoring

TPS3702 Datasheet (HTML) - Texas Instruments


TPS3702 Product details

1 Features
• Input Voltage Range: 2V to 18V
• High threshold accuracy:
– 0.25% (typical)
– 0.9% (–40°C to 125°C)
• Fixed window thresholds optimized for nominal
rails between 1V and 5V
• Open-drain outputs for overvoltage and
undervoltage indication
• Internal glitch immunity
• Threshold adjust using the SET pin
• Low quiescent current: 7μA (typical)
• Internal threshold hysteresis: 0.55%, 1.0%
• SOT-6 package

2 Applications
• FPGA and ASIC applications
• DSP-based systems
• Industrial control systems
• Factory automation
• Personal electronics
• Building automation
• Motor drives

3 Description
The TPS3702 is an integrated overvoltage and
undervoltage window voltage detector in a small
SOT-6 package. This highly accurate voltage detector
is an excellent choice for systems that operate on
low-voltage supply rails and have narrow margin
supply tolerances. Low threshold hysteresis options
of 0.55% and 1.0% prevent false reset signals when
the monitored voltage supply is in the normal range
of operation. Internal glitch immunity and noise filters
further eliminate false resets resulting from erroneous
signals.
The TPS3702 does not require any external resistors
for setting overvoltage and undervoltage reset
thresholds, which further increases overall accuracy
and reduces solution size and cost. The SET
pin is used to select between the two available
threshold voltages designed into each device. A
separate SENSE input pin and VDD pin allow
for the redundancy sought by safety-critical and
high-reliability systems. This device also features
independent reset outputs for the OV and UV pins;
as a result of the open-drain configuration, UV and
OV can be tied together.
This device has a low typical quiescent current
specification of 7μA and is qualified for use over the
industrial temperature range of –40°C to 125°C.




Similar Part No. - TPS3702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX18DDCR TI1-TPS3702AX18DDCR Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX18DDCT TI1-TPS3702AX18DDCT Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX18QDDCRQ1 TI1-TPS3702AX18QDDCRQ1 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
More results


Similar Description - TPS3702

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
Window Comparator for Over- and Undervoltage Detection
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
logo
TE Connectivity Ltd
AGASTAT-2100 TEC-AGASTAT-2100 Datasheet
400Kb / 4P
High Repeat Accuracy over voltage and temperature extremes
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
PHOENIX CONTACT
EMD-BL-V-230 PHOENIX-EMD-BL-V-230 Datasheet
139Kb / 6P
Undervoltage monitoring
EMD-SL-V-UV-300 PHOENIX-EMD-SL-V-UV-300 Datasheet
141Kb / 7P
Undervoltage monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com