Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-GSM Datasheet (PDF) - List of Unclassifed Manufacturers

PHAT-GSM Datasheet PDF - List of Unclassifed Manufacturers
Part # PHAT-GSM
Download  PHAT-GSM Download
File Size   1139.77 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PHAT-GSM TECHNICAL DESCRIPTION

PHAT-GSM Datasheet (PDF)

Go To PDF Page Download Datasheet
PHAT-GSM Datasheet PDF - List of Unclassifed Manufacturers

Part # PHAT-GSM
Download  PHAT-GSM Click to download

File Size   1139.77 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PHAT-GSM TECHNICAL DESCRIPTION

PHAT-GSM Datasheet (HTML) - List of Unclassifed Manufacturers


PHAT-GSM Product details

2.1 General Description
The Designer Systems pHAT-GSM is a quad-band GSM/GPRS module that works on
frequencies GSM850MHz, EGSM900MHz, DCS1800MHz and PCS1900MHz supporting GPRS
class 12 data and Small-Message-System (SMS) functionality. Specifically designed for the
Raspberry-Pi Zero user (can also be used on all the other Raspberry-Pi variants) the pHATGSM
features I2C communication to leave the Raspberry-Pi UART for other functions eg.
sensors etc.
pHAT-GSM features full AT command control over the embedded I2C to UART bridge allowing
the Raspberry-Pi to create GPRS sessions with uplink and downlink transfers at up to 85.6kbps
to support standard Internet service protocols.
The compact form factor, low power consumption and extended temperature range make
pHAT-GSM a best choice for M2M and M2H applications when using the Raspberry-Pi
modules.
The module fully complies with the RoHS/RED directive of the European Union

2.2 Key Features
The following table describes the key features of the pHAT-GSM.
Table 1: Key Features
Features Details
Power Supply  Supply Voltage: 4.5 ~ 5.5VDC
 Typical Supply Voltage: 5.0VDC
Power Consumption  10mA @ 12VDC Idle
 50mA @ 12VDC Peak
Frequency Bands 850/900/1800/1900MHz
Output Power
 Class 4 (2W @ 850/900MHz)
 Class 1 (1W @ 1800/1900MHz)
Sensitivity
 GSM850: -109dBm typ.
 ESM950: -109dBm typ.
 DCS1800: -109dBm typ.
 PCS1900: -109dBm typ.
Data Support  GPRS Class 12: 85.6kbps upload and download
 Integrated TCP/IP protocol
USSD Support Supported
SIM Card Micro SIM(3.0/1.8V)
Indication Blue STATUS LED
Controls Power ON/OFF button (also GPIO controllable)
I2C Speed 400kHz max.
Environmental  Operating Temperature -20℃ to 85℃
 Storage Temperature -30℃ to 125℃
Dimensions 65 x 30 x 4mm
Weight 9.8g approx.
3 Application
3.1 Installation
The module should be attached to the Raspberry-Pi board using a 20+20 2.54mmP pin
header/socket (not supplied).
3.1.1 SIM Card and Antenna
Insert a standard 2G capable micro SIM card into the card connector identified as ‘SIM CARD’
and attach the supplied PCB antenna to the U.FL connector identified as ‘ANTENNA’, ensuring
that the antenna is located away from any metal objects.
3.2 Operation
When power is applied to the pHAT-GSM, from the connected Raspberry-Pi board, it is
possible to either manually power-up the module, by depressing the button identified as
‘POWER’ for > 1 second, or by setting the GPIO23 (pin 16) high for > 1 second. The module will
power-up, indicated by the STATUS indicator flashing, and will register on to the network
provider defined by the inserted SIM card.
Once registered the pHAT-GSM will await incoming AT commands allowing configuration,
SMS send/receive and GPRS data communication.
3.3 Indication
The STATUS indicator is used to provide visual feedback of the current GSM condition. There
are four (4) conditions as follows




Similar Part No. - PHAT-GSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAT-GPM ETC-PHAT-GPM Datasheet
1Mb / 23P
SHLD-GPM TECHNICAL DESCRIPTION
7th May 2019
More results


Similar Description - PHAT-GSM

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
MT6260A ETC1-MT6260A Datasheet
2Mb / 94P
GSM/GPRS/EDGE-RX SOC Processor Technical Brief
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
logo
Sensirion AG Switzerlan...
SEK-SVM4X SENSIRION-SEK-SVM4X Datasheet
510Kb / 12P
Technical Description SEK-SVM4x
version 1.2 - January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com