Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22810 Datasheet (PDF) - Texas Instruments

TPS22810 Datasheet PDF - Texas Instruments
Part # TPS22810
Download  TPS22810 Download
File Size   2236.1 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection

TPS22810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22810 Datasheet PDF - Texas Instruments

Part # TPS22810
Download  TPS22810 Click to download

File Size   2236.1 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection

TPS22810 Datasheet (HTML) - Texas Instruments


TPS22810 Product details

1 Features
1• Integrated Single Channel Load Switch
• Ambient Operating Temperature:
–40°C to +105°C
– SOT23-6 (DBV): 2-A Maximum Continuous
Current 1
– WSON (DRV): 3-A Maximum Continuous
Current 1
• Input Voltage Range: 2.7 V to 18 V
• Absolute Maximum Input Voltage: 20 V
• On-Resistance (RON)
– RON = 79 mΩ (typical) at VIN = 12 V
• Quiescent Current
– 62 μA (typical) at VIN = 12 V
• Shutdown Current
– 500 nA (typical) at VIN = 12 V
• Thermal Shutdown
• Undervoltage Lock-Out (UVLO)
• Adjustable Quick Output Discharge (QOD)
• Configurable Rise Time With CT Pin
• SOT23-6 Package
– 2.9-mm × 2.8-mm, 0.95-mm Pitch
1.45-mm Height (DBV)
• WSON Package
– 2-mm × 2-mm, 0.65-mm Pitch
0.75-mm Height (DRV)
• ESD Performance Tested per JESD 22
– ±2-kV HBM and ±1-kV CDM
(1) Thermal performance must be considered

2 Applications
• HD TV
• Industrial Systems
• Set Top Box
• Surveillance systems

3 Description
The TPS22810 is a single channel load switch with
configurable rise time and with an integrated quick
output discharge (QOD). In addition, the device
features thermal shutdown to protect the device
against high junction temperature. Because of this,
safe operating area of the device is inherently
ensured. The device contains an N-channel MOSFET
that can operate over an input voltage range of 2.7 V
to 18 V. SOT23-5 (DBV) package can support a
maximum current of 2 A. WSON (DRV) package can
support a maximum current of 3 A. The switch is
controlled by an on and off input, which is capable of
interfacing directly with low-voltage control signals.
The configurable rise time of the device greatly
reduces inrush current caused by large bulk load
capacitances, thereby reducing or eliminating power
supply droop. Undervoltage lock-out is used to turn
off the device if the VIN voltage drops below a
threshold value, ensuring that the downstream
circuitry is not damaged by being supplied by a
voltage lower than intended. The configurable QOD
pin controls the fall time of the device to allow design
flexibility for power down.
The TPS22810 is available in a leaded, SOT-23
package (DBV) which allows to visually inspect solder
joints, as well as a WSON package (DRV). The
device is characterized for operation over the free-air
temperature range of –40˚C to +105˚C.




Similar Part No. - TPS22810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 35P
2.7-18-V, On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
More results


Similar Description - TPS22810

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
On-Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
On-Resistance Load Switch
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810 TI1-TPS22810_17 Datasheet
1Mb / 35P
2.7-18-V, On-Resistance Load Switch With Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com