Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22949 Datasheet (PDF) - Texas Instruments

TPS22949 Datasheet PDF - Texas Instruments
Part # TPS22949
Download  TPS22949 Download
File Size   1432.18 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22949x Current-Limited Load Switch With Low Noise Regulation Capability

TPS22949 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22949 Datasheet PDF - Texas Instruments

Part # TPS22949
Download  TPS22949 Click to download

File Size   1432.18 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22949x Current-Limited Load Switch With Low Noise Regulation Capability

TPS22949 Datasheet (HTML) - Texas Instruments


TPS22949 Product details

1 Features
1• Integrated Current Limiter
– Input Voltage Range: 1.62 V to 4.5 V
– Low ON-Resistance
– rON = 300-mΩ at VIN = 4.5 V
– r ON = 350-mΩ at VIN = 3.3 V
– rON = 400-mΩ at VIN = 2.5 V
– r ON = 600-mΩ at VIN = 1.8 V
– Integrated 100-mA Minimum Current Limit
– Undervoltage Lockout
– Fast-Current Limit Response Time
– Integrated Fault Blanking and Auto Restart
• Stable Without Current Limiter Output Capacitor
(TPS22949A Only)
• Integrated Low-Noise RF LDO
– Input Voltage Range: 1.62 V to 4.5 V
– Low Noise: 50 μVrms (10 Hz to 100 kHz)
– 80-dB VIN PSRR (10 Hz to 10 kHz)
– Fast Start-Up Time: 130 μs
– Low Dropout 100 mV at I load =100 mA
– Integrated Output Discharge
– Stable With 2.2-μF Output Capacitor
• 1.8-V Compatible Control Input Threshold
• ESD Performance Tested Per JESD 22
– 3500 V Human Body Model
(A114-B, Class II)
– 1000 V Charged Device Model
(C101)
• Tiny 8-Terminal YZP Package (1.9 mm × 0.9 mm,
0.5-mm Pitch, 0.5-mm Height) and WSON-8
(DRG) 3.0 mm × 3.0 mm

2 Applications
• Fingerprint Module Protection
• Portable Consumer Electronics
• Smart Phones
• Notebooks
• Control Access Systems

3 Description
The TPS22949 and TPS22949A are devices that
provide protection to systems and loads in high- current conditions. The device contains a 500-mΩ
current-limited P-channel MOSFET that can operate
over an input voltage range of 1.62 V to 4.5 V as well
as a low-dropout (LDO) regulator with a fixed output
voltage of 1.8 V.
The switch is controlled by an on/off input (EN1),
which can interface directly with low-voltage control
signals. When the switch current reaches the
maximum limit, the TPS22949/TPS22949A operates
in a constant-current mode to prohibit excessive currents from causing damage. If the constant current
condition persists after 12 ms, these devices shut off
the switch and pull the fault signal pin (OC) low. The
TPS22949/TPS22949A has an auto-restart feature
that turns the switch on again after 70 ms if the EN1 pin is still active.
The output of the current limiter is internally connected to an RF low-dropout (LDO) regulator that
offers good AC performance with very low ground
current, good power supply rejection ratio (PSRR),
low noise, fast start-up, and excellent line and load
transient response. The output of the regulator is
stable with ceramic capacitors. This LDO uses a
precision voltage reference and feedback loop to
achieve overall accuracy of 2% over all load, line, process, and temperature variations.




Similar Part No. - TPS22949

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
759Kb / 24P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
1Mb / 28P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI2-TPS22949 Datasheet
975Kb / 31P
TPS22949x Current-Limited Load Switch With Low Noise Regulation Capability
REVISED JUNE 2015
TPS22949A TI-TPS22949A Datasheet
749Kb / 22P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Similar Description - TPS22949

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
logo
Texas Instruments
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com