Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22960 Datasheet (PDF) - Texas Instruments

TPS22960 Datasheet PDF - Texas Instruments
Part # TPS22960
Download  TPS22960 Download
File Size   1172.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22960 Low-Input Voltage, Dual-Load Switch With Controlled Turnon

TPS22960 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22960 Datasheet PDF - Texas Instruments

Part # TPS22960
Download  TPS22960 Click to download

File Size   1172.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22960 Low-Input Voltage, Dual-Load Switch With Controlled Turnon

TPS22960 Datasheet (HTML) - Texas Instruments


TPS22960 Product details

1 Features
• Integrated dual-load switch
• Input voltage range: 1.62V to 5.5V
• Low ON-state resistance
– rON = 342mΩ at VIN = 5.5V
– rON = 435mΩ at VIN = 3.3V
– rON = 523mΩ at VIN = 2.5V
– rON = 737mΩ at VIN = 1.8V
• 500mA maximum continuous switch current
• Low quiescent current and shutdown current
• Controlled switch output rise time:
75μs or 660μs
• Integrated quick output discharge transistor
• ESD performance tested per JESD 22
– 2000V human body model
(A114-B, Class II)
– 1000V charged-device model (C101)
• 8-pin SOT (DCN) package: 3mm × 3mm
• 8-pin UQFN (RSE) package: 1.5mm × 1.5mm

2 Applications
• GPS Devices
• Cell Phones/PDAs
• MP3 Players
• Digital Cameras

3 Description
The TPS22960 is a small low-rON dual-channel load
switch with controlled turnon. The devices contain
two P-channel MOSFETs that can operate over an
input voltage range of 1.62V to 5.5V. Each switch is
independently controlled by on/off inputs (ON1 and
ON2), which are capable of interfacing directly with
low-voltage control signals. In TPS22960 a 85Ω onchip
load resistor is added for quick discharge when
the switch is turned off.
The rise time (slew-rate) of the device is internally
controlled in order to avoid inrush current, and it can
be slowed down if needed using the SR pin: at 3.3V,
TPS22960 features a 75μs rise time with the SR pin
tied to ground and 660μs with the SR pin tied to high.
The TPS22960 is available in a space-saving 8-
pin UQFN package and in an 8-pin SOT package.
It is characterized for operation over the free-air
temperature range of –40°C to 85°C.




Similar Part No. - TPS22960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
638Kb / 23P
LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Similar Description - TPS22960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22932B TI-TPS22932B Datasheet
445Kb / 20P
LOW INPUT VOLTAGE ULTRA-LOW rON LOAD SWITCH WITH CONFIGURABLE ENABLE LOGIC AND CONTROLLED SLEW-RATE
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
logo
Alpha & Omega Semicondu...
AOZ1325DI AOSMD-AOZ1325DI Datasheet
615Kb / 12P
Dual Channel Load Switch with Controlled Slew Rate
logo
ON Semiconductor
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
NCP45524 ONSEMI-NCP45524 Datasheet
140Kb / 10P
Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 0
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
Low-Input Voltage, Dual-Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com