Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22967 Datasheet (PDF) - Texas Instruments

TPS22967 Datasheet PDF - Texas Instruments
Part # TPS22967
Download  TPS22967 Download
File Size   3067.37 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22967 Single-Channel, Ultra-Low Resistance Load Switch

TPS22967 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22967 Datasheet PDF - Texas Instruments

Part # TPS22967
Download  TPS22967 Click to download

File Size   3067.37 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22967 Single-Channel, Ultra-Low Resistance Load Switch

TPS22967 Datasheet (HTML) - Texas Instruments


TPS22967 Product details

1 Features
1• Integrated Single-Channel Load Switch
• Input Voltage Range: 0.8 V to 5.5 V
• Low RON Resistance
– RON = 22 mΩ at VIN = 5 V (VBIAS = 5 V)
– R ON = 22 mΩ at VIN = 3.6 V (VBIAS = 5 V)
– RON = 22 mΩ at VIN = 1.8 V (VBIAS = 5 V)
• 4-A Maximum Continuous Switch Current
• Low Quiescent Current (50 μA)
• Low Control Input Threshold Enables Use of
1.2-V, 1.8-V, 2.5-V, and 3.3-V Logic
• Configurable Rise Time
• Quick Output Discharge (QOD)
• WSON 8-Pin Package With Thermal Pad

2 Applications
• Ultrabooks™
• Notebooks and Netbooks
• Tablet PCs
• Consumer Electronics
• Set-Top Boxes and Residental Gateways
• Telecom Systems
• Solid-State Drives (SSD)

3 Description
The TPS22967 device is a small, ultra-low RON,
single-channel load switch with controlled turnon. The device contains an N-channel MOSFET that can
operate over an input voltage range of 0.8 V to 5.5 V
and can support a maximum continuous current of
4 A. The switch is controlled by an on/off input (ON),
which can interface directly with low-voltage control
signals. In the TPS22967, a 225-Ω pulldown resistor
is added for quick output discharge when the switch
is turned off.
The TPS22967 is available in a small, space-saving
2-mm × 2-mm 8-pin WSON package (DSG) with
integrated thermal pad allowing for high power dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to 85°C.




Similar Part No. - TPS22967

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
TPS22967DSGR TI1-TPS22967DSGR Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
TPS22967DSGT TI1-TPS22967DSGT Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
More results


Similar Description - TPS22967

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
Very Ultra-Low On-Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com