Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22968 Datasheet (PDF) - Texas Instruments

TPS22968 Datasheet PDF - Texas Instruments
Part # TPS22968
Download  TPS22968 Download
File Size   890.11 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22968 Dual Channel, Ultra-Low Resistance Load Switch

TPS22968 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22968 Datasheet PDF - Texas Instruments

Part # TPS22968
Download  TPS22968 Click to download

File Size   890.11 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22968 Dual Channel, Ultra-Low Resistance Load Switch

TPS22968 Datasheet (HTML) - Texas Instruments


TPS22968 Product details

1 Features
1• Integrated Dual Channel Load Switch
• Input Voltage Range: 0.8 V to 5.5 V
• VBIAS Voltage Range: 2.5 V to 5.5 V
– Ideal for 1S Battery Configuration
• Ultra-Low RON Resistance
– RON = 27 mΩ at VIN = 5 V (VBIAS = 5 V)
– RON = 25 mΩ at VIN = 3.3 V (VBIAS = 5 V)
– RON = 25 mΩ at VIN = 1.8 V (VBIAS = 5 V)
• 4-A Maximum Continuous Switch Current per
Channel
• Low Quiescent Current
– 55 μA at VBIAS = 5 V (Both Channels)
– 55 μA at VBIAS = 5 V (Single Channel)
• Low Control Input Threshold Enables Use of
1.2-,1.8-, 2.5-, 3.3-V Logic
• Configurable Rise Time(1)
• Quick Output Discharge (QOD)(2) (Optional)
• SON 14-Pin Package with Thermal Pad
• ESD Performance Tested per JEDEC Standard
– 2-kV HBM and 1-kV CDM
• Latch-Up Performance Exceeds 100 mA per
JESD 78, Class II
• GPIO Enable – Active High
• TPS22968N: Product Preview Only
(1) See the Application Information section for CT value vs. rise
time
(2) This feature discharges the output of the switch to GND
through a 270-Ω resistor, preventing the output from floating.

2 Applications
• Ultrabook™
• Notebooks and Netbooks
• Tablets
• Consumer Electronics
• Set-Top Boxes
• Telecom Systems

3 Description
The TPS22968x is a small, ultra-low RON, dualchannel
load switch with controlled turn on. The
device contains two N-channel MOSFETs that can
operate over an input voltage range of 0.8 to 5.5 V
and can support a maximum continuous current of
4 A per channel. Each switch is independently
controlled by an on and off input (ON1 and ON2),
which is capable of interfacing directly with lowvoltage
control signals. In TPS22968, a 270-Ω onchip
load resistor is added for output quick discharge
when switch is turned off.
The TPS22968x is available in a small, space-saving
package (DPU) with integrated thermal pad allowing
for high power dissipation. The device is
characterized for operation over the free-air
temperature range of –40 to +105°C.




Similar Part No. - TPS22968

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22968 TI2-TPS22968 Datasheet
884Kb / 33P
TPS22968 Dual Channel, Ultra-Low Resistance Load Switch
REVISED JULY 2017
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968-Q1 TI2-TPS22968-Q1 Datasheet
884Kb / 33P
TPS22968 Dual Channel, Ultra-Low Resistance Load Switch
REVISED JULY 2017
TPS22968DPUR TI1-TPS22968DPUR Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
More results


Similar Description - TPS22968

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
Dual-Channel, Ultralow Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com