Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22975 Datasheet (PDF) - Texas Instruments

TPS22975 Datasheet PDF - Texas Instruments
Part # TPS22975
Download  TPS22975 Download
File Size   1790.04 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22975 5.7-V, 6-A, 16-mΩ On-Resistance Load Switch

TPS22975 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22975 Datasheet PDF - Texas Instruments

Part # TPS22975
Download  TPS22975 Click to download

File Size   1790.04 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22975 5.7-V, 6-A, 16-mΩ On-Resistance Load Switch

TPS22975 Datasheet (HTML) - Texas Instruments


TPS22975 Product details

1 Features
1• Integrated Single-Channel Load Switch
• Input Voltage Range: 0.6 V to VBIAS
• VBIAS Voltage Range: 2.5 V to 5.7 V
• On-Resistance (RON)
– RON = 16 mΩ (typical) at VIN = 0.6 V to 5.7 V,
VBIAS = 5.7 V
• 6-A Maximum Continuous Switch Current
• Low Quiescent Current
– 37 μA (typical) at VIN = VBIAS = 5 V
• Low-Control Input-Threshold Enables Use of
1.2-, 1.8-, 2.5-, and 3.3-V Logic
• Configurable Rise Time
• Thermal Shutdown
• Quick-Output Discharge (QOD) (Optional)
• SON 8-pin Package with Thermal Pad
• ESD Performance Tested per JESD 22
– 2000-V HBM and 1000-V CDM

2 Applications
• Ultrabook™
• Notebooks and Netbooks
• Tablet PC
• Consumer Electronics
• Set-top Boxes and Residential Gateways
• Telecom Systems
• Solid State Drives (SSDs)

3 Description
The TPS22975 product family consists of two
devices: TPS22975 and TPS22975N. Each device is
a single-channel load switch that provides a
configurable rise time to minimize inrush current. The
device contains an N-channel MOSFET that can
operate over an input voltage range of 0.6 V to 5.7 V
and can support a maximum continuous current of 6
A. The switch is controlled by an on and off input
(ON), which is capable of interfacing directly with lowvoltage
control signals. TPS22975 has an optional
230-Ω on-chip load resistor for quick output discharge
when switch is turned off.
The TPS22975 is available in a small, space-saving
2-mm × 2-mm 8-pin SON package (DSG) with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
+105°C.




Similar Part No. - TPS22975

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975DSGR TI1-TPS22975DSGR Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975DSGT TI1-TPS22975DSGT Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975N TI1-TPS22975N Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975NDSGR TI1-TPS22975NDSGR Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results


Similar Description - TPS22975

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com