Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS23754 Datasheet (PDF) - Texas Instruments

TPS23754 Datasheet PDF - Texas Instruments
Part # TPS23754
Download  TPS23754 Download
File Size   2244.93 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller

TPS23754 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS23754 Datasheet PDF - Texas Instruments

Part # TPS23754
Download  TPS23754 Click to download

File Size   2244.93 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2375x IEEE 802.3at, High Efficiency, PoE Interface and DC-DC Controller

TPS23754 Datasheet (HTML) - Texas Instruments


TPS23754 Product details

1 Features
• Powers up to 30-W (Input) PDs
• DC-DC Control Optimized for Isolated Converters
• Supports High-Efficiency Topologies
• Complete PoE Interface
• Enhanced Classification per IEEE 802.3at With
Status Flag
• Adapter ORing Support
• Programmable Frequency With Synchronization
• Robust 100-V, 0.5-Ω Hotswap MOSFET
• –40°C to 125°C Junction Temperature Range
• Industry Standard PowerPAD™ HTSSOP-20

2 Applications
• IEEE 802.3at Compliant Devices
• Video and VoIP Telephones
• RFID Readers
• Multiband Access Points
• Security Cameras

3 Description
The TPS23754 and TPS23756 devices have a
combined power-over-ethernet (PoE), powereddevice
(PD) interface, and current-mode DC-DC
controller optimized specifically for isolated
converters. The PoE interface supports the IEEE
802.3at standard.
The TPS23754 and TPS23756 support a number of
input voltage ORing options including highest voltage,
external adapter preference, and PoE preference.
These features allow the designer to determine which
power source will carry the load under all conditions.
The PoE interface features the new extended
hardware classification necessary for compatibility
with high-power midspan power sourcing equipment
(PSE) per IEEE 802.3at. The detection signature pin
can also be used to force power from the PoE source
off. Classification can be programmed to any of the
defined types with a single resistor.
The DC-DC controller features two complementary
gate drivers with programmable dead time. This
simplifies the design of active-clamp forward
converters or optimized gate drive for highly-efficient
flyback topologies. The second gate driver may be
disabled if desired for single MOSFET topologies.
The controller also features internal soft start,
bootstrap start-up source, current-mode
compensation, and a 78% maximum duty cycle. A
programmable and synchronizable oscillator allows
design optimization for efficiency and eases use of
the controller to upgrade existing power supply
designs. Accurate programmable blanking, with a
default period, simplifies the usual current-sense filter
design trade-offs.
The TPS23754 device has a 15-V converter start-up
while the TPS23756 device has a 9-V converter startup.
The TPS23754-1 replaces the PPD pin with a noconnect
for increased pin spacing.




Similar Part No. - TPS23754

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI1-TPS23754 Datasheet
2Mb / 45P
High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754-1 TI-TPS23754-1 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754-1 TI-TPS23754-1 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
More results


Similar Description - TPS23754

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
07-Nov-2012
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
29-Jul-2013
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
High-Power/High-Efficiency PoE Interface and DC-DC Controller
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com