Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25200DRVR Datasheet (PDF) - Texas Instruments

TPS25200DRVR Datasheet PDF - Texas Instruments
Part # TPS25200DRVR
Download  TPS25200DRVR Download
File Size   4441.23 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25200 5V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp

TPS25200DRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25200DRVR Datasheet PDF - Texas Instruments

Part # TPS25200DRVR
Download  TPS25200DRVR Click to download

File Size   4441.23 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25200 5V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp

TPS25200DRVR Datasheet (HTML) - Texas Instruments


TPS25200DRVR Product details

1 Features
• 2.5V to 6.5V operation
• Input withstands up to 20V
• 7.6V input overvoltage shutoff
• 5.25V to 5.55V fixed overvoltage clamp
• 0.6μs overvoltage lockout response
• 3.5μs short circuit response
• Integrated 60mΩ high-side MOSFET
• Up to 2.6A continuous load current
• ±6% current-limit accuracy at 2.9A
• Reverse current blocking while disabled
• Built-in soft start
• Pin-to-pin compatible with TPS2553
• UL 2367 recognized
– File no. 169910
– RILIM ≥ 33kΩ (3.12A maximum)

2 Applications
• USB power switches
• USB target devices
• Cell, smart phones
• 3G, 4G wireless data cards
• Solid-state drives (SSD)
• 3V or 5V adapter powered devices

3 Description
The TPS25200 is a 5V eFuse with precision
current limit and overvoltage clamp. The device
provides robust protection for load and source during
overvoltage and overcurrent events.
The TPS25200 is an intelligent protected load switch
with VIN tolerant to 20V. In the event that an incorrect
voltage is applied at IN, the output clamps to 5.4V to
protect the load. If the voltage at IN exceeds 7.6V, the
device disconnects the load to prevent damage to the
device and/or load.
The TPS25200 has an internal 60mΩ power switch
and is intended for protecting source, device, and
load under a variety of abnormal conditions. The
device provides up to 2.6A of continuous load current.
Current limit is programmable from 85mA to 2.9A with
a single resistor to ground. During overload events
output current is limited to the level set by RILIM. If
a persistent overload occurs the device eventually
goes into thermal shutoff to prevent damage to the
TPS25200.




Similar Part No. - TPS25200DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200DRVR TI1-TPS25200DRVR Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
More results


Similar Description - TPS25200DRVR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com