Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25981 Datasheet (PDF) - Texas Instruments

TPS25981 Datasheet PDF - Texas Instruments
Part # TPS25981
Download  TPS25981 Download
File Size   5146.8 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer

TPS25981 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25981 Datasheet PDF - Texas Instruments

Part # TPS25981
Download  TPS25981 Click to download

File Size   5146.8 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer

TPS25981 Datasheet (HTML) - Texas Instruments


TPS25981 Product details

1 Features
• Wide operating input voltage range: 2.7 V to 16 V
– 20-V absolute maximum
• Integrated FET with low on-resistance: RON = 6
mΩ (typ.)
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with
1.2-μs (typ.) response time
• Overcurrent protection with load current monitor
output (ILM)
– Circuit-breaker response
– Adjustable threshold (ILIM) 1.5 A – 11 A
• ±10% accuracy for ILIM > 5 A
– Adjustable transient blanking timer (ITIMER) to
allow peak currents up to 2 × ILIM
– Output load current monitor accuracy: ±10%
(IOUT ≥ 3 A)
• Fast-trip response for short-circuit protection
– 640-ns (typ.) response time
– Adjustable (2 × ILIM) and fixed thresholds
• Active high enable input with adjustable
undervoltage lockout threshold (UVLO)
• Active low enable input with adjustable
undervoltage lockout threshold (OVLO)
• Adjustable output slew rate control (dVdt)
• Option to drive external FET for reverse current
blocking in disabled/OFF state
• Overtemperature protection
• Quick Output Discharge
• Digital outputs
– Power Good (PG) and fault indication (FLT)
• UL 2367 recognition (pending)
• IEC 62368 CB certification (pending)
• Small footprint: QFN 2-mm × 2-mm, 0.45-mm pitch

2 Applications
• Optical modules
• Server/PC motherboard/add-on cards
• Enterprise routers/data center switches
• Industrial PC
• UHDTV

3 Description
The TPS25981xx family of eFuses is a highly
integrated circuit protection and power management
solution in a small package. The devices provide
multiple protection modes using very few external
components and are a robust defense against
overloads, short circuits, voltage surges and
excessive inrush current.
Output slew rate and inrush current can be
adjusted using a single external capacitor. Loads
are protected from input overvoltage conditions by
cutting off the output if input exceeds an adjustable
overvoltage threshold. The devices respond to output
overload by actively limiting the current (during startup)
or breaking the circuit (during steady-state).
The overcurrent protection threshold as well as
the transient overcurrent blanking timer are useradjustable.
The current limit control pin also functions
as an analog load current monitor.
The devices are available in a 2-mm × 2-mm, 10-
pin HotRod™ QFN package for improved thermal
performance and reduced system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS25981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25981 TI-TPS25981 Datasheet
5Mb / 47P
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022
TPS25981 TI-TPS25981 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25981 TI-TPS25981 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS259813ARPW TI-TPS259813ARPW Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS259813ARPWR TI-TPS259813ARPWR Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
More results


Similar Description - TPS25981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2597 TI-TPS2597 Datasheet
2Mb / 53P
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
DECEMBER 2021
TPS2597 TI-TPS2597_V01 Datasheet
2Mb / 54P
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
JANUARY 2022
TPS25981 TI-TPS25981 Datasheet
5Mb / 47P
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS22811 TI-TPS22811_V01 Datasheet
3Mb / 43P
TPS22811x 2.7 V – 16 V, 10-A, 6-mΩ Load Switch with Adjustable Overvoltage Protection and Current Monitoring
REVISED JULY 2022
TPS25990 TI-TPS25990 Datasheet
6Mb / 74P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A eFuse with PMBus® Digital Telemetry
REVISED SEPTEMBER 2022
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
TPS25990 TI-TPS25990_V01 Datasheet
10Mb / 143P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A Stackable eFuse with PMBus® Digital Telemetry
REVISED JUNE 2023
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com